Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDLED623 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STDLED623
Description  Very low intrinsic capacitance
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED623 Datasheet(HTML) 5 Page - STMicroelectronics

  STDLED623 Datasheet HTML 1Page - STMicroelectronics STDLED623 Datasheet HTML 2Page - STMicroelectronics STDLED623 Datasheet HTML 3Page - STMicroelectronics STDLED623 Datasheet HTML 4Page - STMicroelectronics STDLED623 Datasheet HTML 5Page - STMicroelectronics STDLED623 Datasheet HTML 6Page - STMicroelectronics STDLED623 Datasheet HTML 7Page - STMicroelectronics STDLED623 Datasheet HTML 8Page - STMicroelectronics STDLED623 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID025178 Rev 1
5/18
STDLED623, STULED623
Electrical characteristics
The built-in back-to-back Zener diodes have specifically been designed to enhance not only
the device’s ESD capability, but also to make them safely absorb possible voltage transients
that may occasionally be applied from gate to source. In this respect the Zener voltage is
appropriate to achieve efficient and cost-effective intervention to protect the device’s
integrity. These integrated Zener diodes thus avoid the usage of external components.
Table 7. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 310 V, ID =1.1 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-8
-
ns
tr
Rise time
-
4.4
-
ns
td(off)
Turn-off-delay time
-
21
-
ns
tf
Fall time
-
22
-
ns
Table 8. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
Source-drain current
-
2.2
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
8.8
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 2.2 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 2.2 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 20)
-
200
ns
Qrr
Reverse recovery charge
-
900
nC
IRRM
Reverse recovery current
-
9
A
trr
Reverse recovery time
ISD = 2.2 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 20)
-
240
ns
Qrr
Reverse recovery charge
-
1150
nC
IRRM
Reverse recovery current
-
10
A
Table 9. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
BVGSO
Gate-source breakdown
voltage
IGS = ± 1 mA (open drain)
30
-
-
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com