Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7N80K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF7N80K5
Description  Ultra low gate charge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N80K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF7N80K5 Datasheet HTML 1Page - STMicroelectronics STF7N80K5 Datasheet HTML 2Page - STMicroelectronics STF7N80K5 Datasheet HTML 3Page - STMicroelectronics STF7N80K5 Datasheet HTML 4Page - STMicroelectronics STF7N80K5 Datasheet HTML 5Page - STMicroelectronics STF7N80K5 Datasheet HTML 6Page - STMicroelectronics STF7N80K5 Datasheet HTML 7Page - STMicroelectronics STF7N80K5 Datasheet HTML 8Page - STMicroelectronics STF7N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
STF7N80K5, STFI7N80K5
4/14
DocID025377 Rev 1
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage (VGS= 0)
ID = 1 mA
800
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = 800 V
VDS = 800 V, Tc=125 °C
1
50
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID= 3 A
0.95
1.2
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS =100 V, f=1 MHz, VGS=0
-360
-
pF
Coss
Output capacitance
-
30
-
pF
Crss
Reverse transfer
capacitance
-1
-
pF
Co(tr)
(1)
1.
Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when
VDS increases from 0 to 80% VDSS
Equivalent capacitance time
related
VGS = 0, VDS = 0 to 640 V
-47
-
pF
Co(er)
(2)
2.
Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss
when VDS increases from 0 to 80% VDSS
Equivalent capacitance
energy related
-20
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID=0
-
6
-
Ω
Qg
Total gate charge
VDD = 640 V, ID = 6 A
VGS =10 V
(see Figure 15)
-
13.4
-
nC
Qgs
Gate-source charge
-
3.7
-
nC
Qgd
Gate-drain charge
-
7.5
-
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com