Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF7N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF7N80K5
Description  Ultra low gate charge
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF7N80K5 Datasheet HTML 1Page - STMicroelectronics STF7N80K5 Datasheet HTML 2Page - STMicroelectronics STF7N80K5 Datasheet HTML 3Page - STMicroelectronics STF7N80K5 Datasheet HTML 4Page - STMicroelectronics STF7N80K5 Datasheet HTML 5Page - STMicroelectronics STF7N80K5 Datasheet HTML 6Page - STMicroelectronics STF7N80K5 Datasheet HTML 7Page - STMicroelectronics STF7N80K5 Datasheet HTML 8Page - STMicroelectronics STF7N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
October 2013
DocID025377 Rev 1
1/14
STF7N80K5,
STFI7N80K5
N-channel 800 V, 0.95
Ω typ., 6 A Zener-protected SuperMESH™ 5
Power MOSFETs in TO-220FP and I2PAKFP packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These N-channel Zener-protected Power
MOSFETs are designed using ST’s revolutionary
avalanche-rugged very high voltage
SuperMESH™ 5 technology, based on an
innovative proprietary vertical structure. The
result is a dramatic reduction in on-resistance,
and ultra-low gate charge for applications which
require superior power density and high
efficiency.
1
2
3
1 2
3
TO-220FP
I PAKFP
2
D(2)
G(1)
S(3)
AM01476v1
Order codes
VDS
RDS(on)max
ID
PTOT
STF7N80K5
800 V
1.2
Ω
6 A
25 W
STFI7N80K5
Table 1. Device summary
Order codes
Marking
Package
Packaging
STF7N80K5
7N80K5
TO-220FP
Tube
STFI7N80K5
I2PAKFP
www.st.com


Similar Part No. - STF7N80K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF7N80K5 ISC-STF7N80K5 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF7N80K5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
Ultra low gate charge
logo
STMicroelectronics
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
Ultra-low gate charge
08-Jan-2016
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
Ultra-low gate charge
11-Nov-2015
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
Ultra-low gate charge
04-Jan-2017
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
Ultra-low gate charge
November 2016 Rev 1
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
Ultra-low gate charge
October 2016 Rev 1
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
Ultra low gate charge
06-Sep-2016
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
Ultra low gate charge
07-Feb-2014
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
Ultra low gate charge
24-Jul-2014
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
Ultra low gate charge
19-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com