Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF15N60M2-EP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STF15N60M2-EP
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N60M2-EP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STF15N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 9Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 10Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STF15N60M2-EP, STFI15N60M2-EP
Electrical characteristics
DocID027373 Rev 1
7/15
Figure 8: Static drain-source on-resistance
Figure 9: Normalized on-resistance vs
temperature
Figure 10: Gate charge vs gate-source
voltage
Figure 11: Capacitance variations
Figure 12: Turn-off switching loss vs drain
current
Figure 13: Source-drain diode forward
characteristic
GIPG121220141431MT
RDS(on)
0.330
0.320
0
2
ID(A)
(
Ω)
0.340
VGS=10V
4
0.350
8
6
0.360
10
1.4
1.0
0.6
0.2
-75
T
J(°C)
-25
75
25
125
1.8
2.2
V
GS = 10 V
R
DS(on)
(norm)
GIPG181120141628ALS
GIPG121220141425MT
VGS
6
4
2
0
0
8
Qg(nC)
(V)
8
12
10
VDD=480V
ID=11A
12
100
0
200
VDS
4
VDS
(V)
300
400
16
500
600
C
1000
10
1
0.1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
100
GIPG121220141441MT
GIPG121220141453MT
Eoff
4.4
0.5
1
ID(A)
(µJ)
2.5
1.5
2
3
4.6
4.8
5
5.2
5.4
3.5
VDD=400V, RG=4,7Ω,VGS=10V
GIPG161220141014MT
VSD
0
4
ISD(A)
(V)
2
10
6
8
0.5
0.6
0.7
TJ=-50°C
TJ=150°C
TJ=25°C
0.8
0.9
1
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com