Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF15N60M2-EP Datasheet(PDF) 13 Page - STMicroelectronics

Part # STF15N60M2-EP
Description  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N60M2-EP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STF15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 9Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 10Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 11Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 12Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 13Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 14Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STF15N60M2-EP, STFI15N60M2-EP
Package mechanical data
DocID027373 Rev 1
13/15
Table 11: I²PAKFP (TO-281) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
-
4.60
B
2.50
2.70
D
2.50
2.75
D1
0.65
0.85
E
0.45
0.70
F
0.75
1.00
F1
1.20
G
4.95
5.20
H
10.00
10.40
L1
21.00
23.00
L2
13.20
14.10
L3
10.55
10.85
L4
2.70
3.20
L5
0.85
1.25
L6
7.50
7.60
7.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com