Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV857B Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCV857B
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV857B Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCV857B Datasheet HTML 3Page - Texas Instruments CDCV857B Datasheet HTML 4Page - Texas Instruments CDCV857B Datasheet HTML 5Page - Texas Instruments CDCV857B Datasheet HTML 6Page - Texas Instruments CDCV857B Datasheet HTML 7Page - Texas Instruments CDCV857B Datasheet HTML 8Page - Texas Instruments CDCV857B Datasheet HTML 9Page - Texas Instruments CDCV857B Datasheet HTML 10Page - Texas Instruments CDCV857B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CDCV857B, CDCV857BI
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS689A − FEBRUARY 2003 − REVISED NOVEMBER 2010
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
GND
CDCV857B
VDD
R = 60 Ω
VYx
R = 60 Ω
VDD/2
VYx
Figure 1. IBIS Model Output Load
CDCV857B
SCOPE
C = 14 pF
VDD/2
−VDD/2
Z = 60 Ω
Z = 60 Ω
Z = 50 Ω
Z = 50 Ω
R = 10 Ω
R = 10 Ω
R = 50 Ω
V(TT)
R = 50 Ω
V(TT)
C = 14 pF
−VDD/2
−VDD/2
V(TT) = GND
Figure 2. Output Load Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com