Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCV857B Datasheet(PDF) 10 Page - Texas Instruments

Part # CDCV857B
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV857B Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCV857B Datasheet HTML 6Page - Texas Instruments CDCV857B Datasheet HTML 7Page - Texas Instruments CDCV857B Datasheet HTML 8Page - Texas Instruments CDCV857B Datasheet HTML 9Page - Texas Instruments CDCV857B Datasheet HTML 10Page - Texas Instruments CDCV857B Datasheet HTML 11Page - Texas Instruments CDCV857B Datasheet HTML 12Page - Texas Instruments CDCV857B Datasheet HTML 13Page - Texas Instruments CDCV857B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CDCV857B, CDCV857BI
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS689A − FEBRUARY 2003 − REVISED NOVEMBER 2010
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1
fo
Yx, FBOUT
Yx, FBOUT
Yx, FBOUT
Yx, FBOUT
tc(n)
tjit(per) = tcn −
1
fo
fO = Average input frequency measured at CLK/CLK
Figure 7. Period Jitter
tjit(hper) = t(hper_n) −
t(hper_n)
t(hper_n+1)
Yx, FBOUT
Yx, FBOUT
1
fo
1
2xfo
fO = Average input frequency measured at CLK/CLK
n = any half cycle
Figure 8. Half-Period Jitter
Clock Inputs
and Outputs
80%
20%
80%
20%
tr
tf
tslr(I O) +
V80% * V20%
tr(I O)
tslf(I O) +
V80% * V20%
tf(I O)
VOH, VIH
VOL, VIL
Figure 9. Input and Output Slew Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com