Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT41/06AS90 Datasheet(PDF) 9 Page - International Rectifier

Part # IRKT41/06AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT41/06AS90 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRKT41/06AS90 Datasheet HTML 2Page - International Rectifier IRKT41/06AS90 Datasheet HTML 3Page - International Rectifier IRKT41/06AS90 Datasheet HTML 4Page - International Rectifier IRKT41/06AS90 Datasheet HTML 5Page - International Rectifier IRKT41/06AS90 Datasheet HTML 6Page - International Rectifier IRKT41/06AS90 Datasheet HTML 7Page - International Rectifier IRKT41/06AS90 Datasheet HTML 8Page - International Rectifier IRKT41/06AS90 Datasheet HTML 9Page - International Rectifier IRKT41/06AS90 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRK.41, .56 Series
9
Bulletin I27131 rev. G 10/02
www.irf.com
Fig. 19 - On-state Voltage Drop Characteristics
Fig. 20 - On-state Voltage Drop Characteristics
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
IRK.56.. Series
Per Junction
1
10
100
1000
0
1
23
45
6
7
T = 25°C
J
Instantaneous On-state Voltage (V)
T = 125°C
J
IRK.41.. Series
Per Junction
Fig. 23 - Thermal Impedance Z
thJC
Characteristics
Fig. 22 - Recovery Current Characteristics
Fig. 21 - Recovery Charge Characteristics
30
40
50
60
70
80
90
100
110
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/dt (A/µs)
100 A
50 A
I
= 200 A
TM
20 A
10 A
IRK.41.. Series
IRK.56.. Series
T = 125 °C
J
100
150
200
250
300
350
400
450
500
10 20 30 40 50 60 70 80 90 100
100 A
50 A
Rate Of Fall Of On-state Current - di/dt (A/µs)
I
= 200 A
TM
20 A
10 A
IRK.41.. Series
IRK.56.. Series
T = 125 °C
J
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Per Junction
Steady State Value:
R
= 0.46 K/W
R
= 0.40 K/W
(DC Operation)
IRK.41.. Series
IRK.56.. Series
thJC
thJC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com