Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT41/06AS90 Datasheet(PDF) 1 Page - International Rectifier

Part # IRKT41/06AS90
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT41/06AS90 Datasheet(HTML) 1 Page - International Rectifier

  IRKT41/06AS90 Datasheet HTML 1Page - International Rectifier IRKT41/06AS90 Datasheet HTML 2Page - International Rectifier IRKT41/06AS90 Datasheet HTML 3Page - International Rectifier IRKT41/06AS90 Datasheet HTML 4Page - International Rectifier IRKT41/06AS90 Datasheet HTML 5Page - International Rectifier IRKT41/06AS90 Datasheet HTML 6Page - International Rectifier IRKT41/06AS90 Datasheet HTML 7Page - International Rectifier IRKT41/06AS90 Datasheet HTML 8Page - International Rectifier IRKT41/06AS90 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Parameters
IRK.41
IRK.56
Units
I
T(AV)
or I
F(AV)
@ 85°C
I
O(RMS)
(*)
100
135
A
I
TSM
@ 50Hz
850
1310
A
I
FSM
@ 60Hz
890
1370
A
I
2t @ 50Hz
3.61
8.50
KA
2s
@ 60Hz
3.30
7.82
KA
2s
I
2√t
36.1
85.0
KA
2√s
V
RRM
range
400 to 1600
V
T
STG
- 40 to 125
oC
T
J
- 40 to125
oC
(*) As AC switch.
45
60
A
Major Ratings and Characteristics
45 A
60 A
ADD-A-pakTM GEN V Power Modules
THYRISTOR/ DIODE and
THYRISTOR/ THYRISTOR
IRK.41, .56 SERIES
Bulletin I27131 rev. G 10/02
1
www.irf.com
Features
High Voltage
Industrial Standard Package
Thick Al metal die and double stick bonding
Thick copper baseplate
UL E78996 approved
3500V
RMS isolating voltage
Mechanical Description
The Generation V of Add-A-pak module combine the
excellent thermal performance obtained by the usage of
Direct Bonded Copper substrate with superior
mechanical ruggedness, thanks to the insertion of a
solid Copper baseplate at the bottom side of the device.
The Cu baseplate allow an easier mounting on the
majority of heatsink with increased tolerance of surface
roughness and improve thermal spread.
The Generation V of AAP module is manufactured
without hard mold, eliminating in this way any possible
direct stress on the leads.
Benefits
Up to 1600V
Full compatible TO-240AA
High Surge capability
Easy Mounting on heatsink
Al
203 DBC insulator
Heatsink grounded
Electrical Description
These modules are intended for general purpose high
voltage applications such as high voltage regulated power
supplies, lighting circuits, temperature and motor speed
control circuits, UPS and battery charger.
The electrical terminals are secured against axial pull-out:
they are fixed to the module housing via a click-stop
feature already tested and proved as reliable on other IR
modules.


Similar Part No. - IRKT41/06AS90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRKT41 VISHAY-IRKT41 Datasheet
337Kb / 12P
Thyristor/Diode and Thyristor/Thyristor (ADD-A-PAKTM Generation 5 Power Modules), 45/60 A
23-Apr-08
More results

Similar Description - IRKT41/06AS90

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
THYRISTOR / DIODE and THYRISTOR / THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com