Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3101 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3101
Description  GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3101 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3101 Datasheet HTML 1Page - Diodes Incorporated AP3101 Datasheet HTML 2Page - Diodes Incorporated AP3101 Datasheet HTML 3Page - Diodes Incorporated AP3101 Datasheet HTML 4Page - Diodes Incorporated AP3101 Datasheet HTML 5Page - Diodes Incorporated AP3101 Datasheet HTML 6Page - Diodes Incorporated AP3101 Datasheet HTML 7Page - Diodes Incorporated AP3101 Datasheet HTML 8Page - Diodes Incorporated AP3101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP3101
Document number: DS37418 Rev. 2 - 2
2 of 12
www.diodes.com
July 2014
© Diodes Incorporated
AP3101
A Product Line of
Diodes Incorporated
Typical Applications Circuit
R11
2.5k
C8 0.1F
C3 22F
R12
1k
R10
9.5k
C2
2nF
R7
4.7k
R4 20
NTC
R3
6.2
R13
620
R6
0.5
Q1
7N60
BD1
R2
100k
12V/3A
J2
J1
C1
100F
1
2
4
3
U2 p521
Q2
AZ431
D2
FR107
D1
FR107
R8 27k
R1
1.2M
C7
470F
L2
8H
D3
C6
1000F
T
C5
1000pF
R9
10
ADJ
5
SENSE
6
VIN
3
RI
4
GATE
8
VCC
7
FB
2
GND
1
U1
AP3101
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
Power ground
2
FB
Feedback
3
VIN
Start-up current in
4
RI
Reference setting
5
ADJ
Adjust the level of skip cycle
6
SENSE
Current sense
7
VCC
The positive supply of the control IC
8
GATE
Driver output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com