Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3101 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3101
Description  GREEN MODE PWM CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3101 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3101 Datasheet HTML 1Page - Diodes Incorporated AP3101 Datasheet HTML 2Page - Diodes Incorporated AP3101 Datasheet HTML 3Page - Diodes Incorporated AP3101 Datasheet HTML 4Page - Diodes Incorporated AP3101 Datasheet HTML 5Page - Diodes Incorporated AP3101 Datasheet HTML 6Page - Diodes Incorporated AP3101 Datasheet HTML 7Page - Diodes Incorporated AP3101 Datasheet HTML 8Page - Diodes Incorporated AP3101 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP3101
Document number: DS37418 Rev. 2 - 2
3 of 12
www.diodes.com
July 2014
© Diodes Incorporated
AP3101
A Product Line of
Diodes Incorporated
Functional Block Diagram
ON/OFF
Driver
OSC
LEB
VCC
6V
Slope
Compensation
Short Circuit
Protection
Q
D
CLK
RB
Skip Cycle
16V/10V
RI
VCC
VIN
GND
R
GATE
ADJ
FB
SENSE
Internal Bias
UVLO
8
5
2
1
4
7
3
6
OTP
PWM
2R
6V
R
4R
Current Limit
0.85V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com