Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA10 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ATA10
Description  10 A Snubberless™, logic level and standard Triacs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ATA10 Datasheet(HTML) 2 Page - STMicroelectronics

  ATA10 Datasheet HTML 1Page - STMicroelectronics ATA10 Datasheet HTML 2Page - STMicroelectronics ATA10 Datasheet HTML 3Page - STMicroelectronics ATA10 Datasheet HTML 4Page - STMicroelectronics ATA10 Datasheet HTML 5Page - STMicroelectronics ATA10 Datasheet HTML 6Page - STMicroelectronics ATA10 Datasheet HTML 7Page - STMicroelectronics ATA10 Datasheet HTML 8Page - STMicroelectronics ATA10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
BTA10, BTB10, T10xx
2/14
DocID2937 Rev 7
1
Characteristics
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine
wave)
TO-220AB
Tc = 105 °C
10
A
TO-220AB Ins.
Tc = 95 °C
ITSM
Non repetitive surge peak on-
state current (full cycle, Tj initial
= 25 °C)
F = 50 Hz
tp = 20 ms
100
A
F = 60 Hz
tp = 16.7 ms
105
I2t
I2t value for fusing
tp = 10 ms
55
A2s
dl/dt
Critical rate of rise of on-state
current
IG = 2 x IGT , tr
≤ 100 ns
F = 120 Hz
Tj = 125 °C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-
state voltage
tp = 10 ms
Tj = 25 °C
VDRM/VRRM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
°C
Table 3: Static electrical characteristics
Symbol
Test Conditions
Tj
Value
Unit
VT(1)
ITM = 14 A, tp = 380 µs
25 °C
Max.
1.55
V
VTO
threshold on-state voltage
125 °C
Max.
0.85
V
RD
Dynamic resistance
125 °C
Max.
40
IDRM/IRRM
VDRM = VRRM
25 °C
Max.
5
µA
125 °C
1
mA
Notes:
(1)For both polarities of A2 referenced to A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com