Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATA10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ATA10
Description  10 A Snubberless™, logic level and standard Triacs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ATA10 Datasheet(HTML) 1 Page - STMicroelectronics

  ATA10 Datasheet HTML 1Page - STMicroelectronics ATA10 Datasheet HTML 2Page - STMicroelectronics ATA10 Datasheet HTML 3Page - STMicroelectronics ATA10 Datasheet HTML 4Page - STMicroelectronics ATA10 Datasheet HTML 5Page - STMicroelectronics ATA10 Datasheet HTML 6Page - STMicroelectronics ATA10 Datasheet HTML 7Page - STMicroelectronics ATA10 Datasheet HTML 8Page - STMicroelectronics ATA10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
February 2017
DocID2937 Rev 7
1/14
This is information on a product in full production.
www.st.com
BTA10, BTB10, T10xx
10 A SnubberlessTM, logic level and standard Triacs
Datasheet - production data
Features
Medium current triac
Low thermal resistance with clip bonding
Low thermal resistance insulation ceramic
for insulated BTA
High commutation (4Q) or very high
commutation (3Q,
Snubberless™) capability
BTA series UL1557 certified (file ref: 81734)
Packages are RoHS (2002/95/EC) compliant
Description
Available either in through-hole or surface mount
packages, the BTA10, BTB10 and T10xx Triac
series are suitable for general purpose mains
power AC switching. They can be used as
ON/OFF function in applications such as static
relays, heating regulation or induction motor
starting circuit. They are also recommended for
phase control operations in light dimmers and
appliance motors speed controllers.
The Snubberless™ versions (W suffix and T10xx)
are especially recommended for use on inductive
loads, because of their high commutation
performance. By using an internal ceramic pad,
the Snubberless™ series provide an insulated
tab (rated at 2500 VRMS) complying with UL
standards (file reference: E81734).
Table 1: Device summary
Symbol
Parameter
BTA10, BTB10,
T10xx
IT(RMS)
RMS on-state current
10 A
VDRM/VRRM
Repetitive peak off-
state voltage
600 and 800 V
IGT
Triggering gate current
25 to 50 mA


Similar Part No. - ATA10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATA1088 ETC1-ATA1088 Datasheet
249Kb / 13P
OPTICAL MOUSE SENSOR IC
logo
Advanced Energy Industr...
ATA10W ADVANCEDENERGY-ATA10W Datasheet
289Kb / 4P
10 Watts
More results

Similar Description - ATA10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1035 STMICROELECTRONICS-T1035 Datasheet
234Kb / 12P
10 A Snubberless™ logic level and standard Triacs
01-Mar-2019
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
BTA16 STMICROELECTRONICS-BTA16_V01 Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com