Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1035 Datasheet (PDF) - STMicroelectronics

T1035 Datasheet PDF - STMicroelectronics
Part # T1035
Download  T1035 Download
File Size   234.95 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A Snubberless™ logic level and standard Triacs

T1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
T1035 Datasheet PDF - STMicroelectronics

Part # T1035
Download  T1035 Click to download

File Size   234.95 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10 A Snubberless™ logic level and standard Triacs

T1035 Datasheet (HTML) - STMicroelectronics


T1035 Product details

Description
Available either in through-hole or surface mount packages, the BTA10, BTB10 and T10xx Triac series are suitable for general purpose mains power AC switching. They can be used as ON/OFF function in applications such as static relays, heating regulation or induction motor starting circuit. They are also recommended for phase control operations in light dimmers and appliance motors speed controllers.

Features
• Medium current Triac
• Low thermal resistance with clip bonding
• Low thermal resistance insulation ceramic for insulated BTA
• High commutation (4Q) or very high commutation (3Q, Snubberless™) capability
• BTA series UL1557 certified (file ref: 81734)
• Packages are RoHS (2002/95/EC) compliant




Similar Part No. - T1035

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T1035 PULSE-T1035 Datasheet
154Kb / 8P
TRANSFORMERS
logo
Inchange Semiconductor ...
T1035-6G ISC-T1035-6G Datasheet
299Kb / 3P
isc Triacs
logo
JOKARI GmbH & Co. KG
T10350 JOKARI-T10350 Datasheet
728Kb / 14P
PRODUCT SPECIFICATION
16/05/2014
logo
STMicroelectronics
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
T1035H-6G STMICROELECTRONICS-T1035H-6G Datasheet
135Kb / 10P
High temperature 10 A Triacs
17-Apr-2007
More results


Similar Description - T1035

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA12-700BRG STMICROELECTRONICS-BTA12-700BRG Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
28-Sep-2007
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
16 A Snubberless?? logic level and standard Triacs
11-Mar-2010
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
12 A Snubberless?? logic level and standard triacs
28-Sep-2007
logo
Kersemi Electronic Co.,...
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12_V01 Datasheet
236Kb / 16P
12 A Snubberless™, logic level and standard Triacs
07-Feb-2019
BTA08 STMICROELECTRONICS-BTA08_V01 Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
BTA16 STMICROELECTRONICS-BTA16_V01 Datasheet
217Kb / 18P
Snubberless™, logic level and standard 16 A Triacs
30-May-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com