Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1035 Datasheet(PDF) 10 Page - STMicroelectronics

Part # T1035
Description  10 A Snubberless™ logic level and standard Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1035 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button T1035 Datasheet HTML 4Page - STMicroelectronics T1035 Datasheet HTML 5Page - STMicroelectronics T1035 Datasheet HTML 6Page - STMicroelectronics T1035 Datasheet HTML 7Page - STMicroelectronics T1035 Datasheet HTML 8Page - STMicroelectronics T1035 Datasheet HTML 9Page - STMicroelectronics T1035 Datasheet HTML 10Page - STMicroelectronics T1035 Datasheet HTML 11Page - STMicroelectronics T1035 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3
Ordering information
Figure 15. BTA10 and BTB10 series ordering information scheme
BT A
10 - 600 BW RG
Triac
Insulation
A = Insulated
B = Non-insulated
Current
Voltage
Sensitivity and type
Packing mode
RG = Tube
10 = 10 A
600 = 600 V
800 = 800 V
B = 50 mA standard
C = 25 mA standard
BW = 50 mA Snubberless™
CW = 35 mA Snubberless™
Figure 16. T10xx series ordering information scheme
T
10
50 - 8
G - TR
Triac
Current
Voltage
Packing mode
(blank) = Tube
-TR = Tape and reel
10 = 10 A
800 V
600 V
Sensitivity
50 = 50 mA
35 = 35 mA
Package
G = D²PAK
Table 8. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
BTA10-600BRG
BTA10-600B
TO-220AB Ins.
2.3 g
50
Tube
BTA10-600CRG
BTA10-600C
BTA10-600BWRG
BTA10-600BW
BTA10-600CWRG
BTA10-600CW
BTA10-800BWRG
BTA10-800BW
BTA10-800CWRG
BTA10-800CW
BTB10-600BWRG
BTB10-600BW
TO-220AB
BTB10-800BWRG
BTB10-800BW
T1035-6G
T1035-6G
D²PAK
1.50 g
T1050-8G
T1050-8G
T1035-6G-TR
T1035-6G
1000
Tape and reel 13"
T1050-8G-TR
T1050-8G
BTA10, BTB10, T1035, T1050
Ordering information
DS3165 - Rev 9
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com