Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1035 Datasheet(PDF) 3 Page - STMicroelectronics

Part # T1035
Description  10 A Snubberless™ logic level and standard Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1035 Datasheet(HTML) 3 Page - STMicroelectronics

  T1035 Datasheet HTML 1Page - STMicroelectronics T1035 Datasheet HTML 2Page - STMicroelectronics T1035 Datasheet HTML 3Page - STMicroelectronics T1035 Datasheet HTML 4Page - STMicroelectronics T1035 Datasheet HTML 5Page - STMicroelectronics T1035 Datasheet HTML 6Page - STMicroelectronics T1035 Datasheet HTML 7Page - STMicroelectronics T1035 Datasheet HTML 8Page - STMicroelectronics T1035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Symbol
Parameters
Quadrant
T1035
BTA10-xCW
BTB10-xCW
T1050
BTA10-xBW
BTB10-xBW
Unit
(dI/dt)c(2) Without snubber, Tj = 125 °C
Min.
5.5
9
A/ms
1. Minimum IGT is guaranteed at 5 % of IGT max.
2. For both polarities of A2 referenced to A1
Table 4. Electrical characteristics (Tj = 25 °C, unless otherwise specified) - standard Triac (4 quadrants)
Symbol
Parameters
Quadrant
Value
Unit
C
B
IGT(1)
VD = 12 V, RL = 33 Ω
I - II - III
Max.
25
50
mA
IV
Max.
50
100
VGT
All
Max.
1.3
V
VGD
VD = VDRM, RL = 3,3 kΩ, Tj = 125 °C
I - II - III
Min.
0.2
V
IH(2)
IT = 500 mA
I - II - III
Max.
25
50
mA
IL
IG = 1.2 IGT
I - III
Max.
40
50
mA
II
Max.
80
100
dV/dt(2)
VD = 67 % VDRM gate open, Tj = 125 °C
Min.
200
400
V/µs
(dV/dt)c(2)
(dI/dt)c = 4.4 A/ms, Tj = 125 °C
Min.
5
10
V/µs
1. Minimum IGT is guaranteed at 5 % of IGT max.
2. For both polarities of A2 referenced to A1
Table 5. Thermal resistance
Symbol
Parameters
Value
Unit
Rth(j-c) (typ.)
Junction to case (AC)
TO-220AB / D²PAK
1.5
°C/W
TO-220AB insulated
2.4
Rth(j-a) (max.)
Junction to ambient (S(1) = 2 cm²)
D²PAK
45
Junction to ambient
TO-220AB / TO-220AB ins
60
1. Copper surface under tab.
BTA10, BTB10, T1035, T1050
Characteristics
DS3165 - Rev 9
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com