Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84001 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD84001
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84001 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD84001 Datasheet HTML 5Page - STMicroelectronics PD84001 Datasheet HTML 6Page - STMicroelectronics PD84001 Datasheet HTML 7Page - STMicroelectronics PD84001 Datasheet HTML 8Page - STMicroelectronics PD84001 Datasheet HTML 9Page - STMicroelectronics PD84001 Datasheet HTML 10Page - STMicroelectronics PD84001 Datasheet HTML 11Page - STMicroelectronics PD84001 Datasheet HTML 12Page - STMicroelectronics PD84001 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PD84001
Typical performance
9/18
Figure 12.
Input return loss vs frequency
Figure 13.
Output power vs input power and
VDD
Figure 14.
Efficiency vs output power and VDD Figure 15. Output power and drain current vs
drain supply voltage
-10
-8
-6
-4
-2
0
810 820 830 840 850 860 870 880 890 900 910 920
Freq (MHz)
Pin = 17dBm
Vdd = 7.5V
Idq = 50m A
18
20
22
24
26
28
30
32
34
0
2
4
6
8
1012
1416
18
20
Pin (dBm)
9V
7.5V
6V
Freq = 870 MHz
Idq = 50m A
10
20
30
40
50
60
70
18
20
22
24
26
28
30
32
34
Pout (dBm)
9V
7.5V
6V
22
24
26
28
30
32
34
2
345
6
7
8
9
10
Vdd (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
Pout
ID
Freq = 870 MHz
Pin = 17dBm
Idq = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com