Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD84001 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PD84001
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD84001 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PD84001 Datasheet HTML 10Page - STMicroelectronics PD84001 Datasheet HTML 11Page - STMicroelectronics PD84001 Datasheet HTML 12Page - STMicroelectronics PD84001 Datasheet HTML 13Page - STMicroelectronics PD84001 Datasheet HTML 14Page - STMicroelectronics PD84001 Datasheet HTML 15Page - STMicroelectronics PD84001 Datasheet HTML 16Page - STMicroelectronics PD84001 Datasheet HTML 17Page - STMicroelectronics PD84001 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Package mechanical data
PD84001
14/18
6.1
Thermal pad and via design
Thernal vias are required in the PCB layout to effectively conduct heat away from the
package. The via pattern has been designed to address thermal, power dissipation and
electrical requirements of the device.
The via pattern is based on thru-hole vias with 0.203 mm to 0.330 mm finished hole size on
a 0.5 mm to 1.2 mm grid pattern with 0.025 plating on via walls. If micro vias are used in a
design, it is suggested that the quantity of vias be increased by a 4:1 ratio to achieve similar
results.
Figure 19.
Pad layout details
SOT-89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com