Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87311A Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311A
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 4Page - National Semiconductor (TI) PC87311A Datasheet HTML 5Page - National Semiconductor (TI) PC87311A Datasheet HTML 6Page - National Semiconductor (TI) PC87311A Datasheet HTML 7Page - National Semiconductor (TI) PC87311A Datasheet HTML 8Page - National Semiconductor (TI) PC87311A Datasheet HTML 9Page - National Semiconductor (TI) PC87311A Datasheet HTML 10Page - National Semiconductor (TI) PC87311A Datasheet HTML 11Page - National Semiconductor (TI) PC87311A Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
10 Pin Description (Continued)
Symbol
Pin
IO
Function
DR01
44 45
O
Drive Select 01
These are the decoded drive select outputs that are controlled by Digital Output
Register bits D0 D1 The Drive Select outputs are gated with DOR bits 4 – 7 These are active low
outputs They are encoded with information to control four FDDs when bit 4 of the Function Enable
Register (FER) is set (See MTR01 and Table 2-4 for more information)
DRATE01
52 51
O
Data Rate 01
These outputs reflect the currently selected FDC data rate (bits 0 and 1 in the
Configuration Control Register (CCR) or the Data Rate Select Register (DSR) whichever was written
to last) These pins are totem-pole buffered outputs (6 mA sink 6 mA source)
DRQ
4
O
DMA Request
Active high output to signal the DMA controller that a FDC data transfer is needed
When in PC-AT or Model 30 mode this signal is enabled by bit D3 of the DOR When in PS2 mode
DRQ is always enabled and bit D3 of the DOR is reserved
DRV2
49
I
Drive2
This input indicates whether a second disk drive has been installed The state of this pin is
available from Status Register A in PS2 mode
DSKCHG
32
I
Disk Change
The input indicates if the drive door has been opened The state of this pin is available
from the Digital Input register This pin can also be configured as the RGATE data separator
diagnostic input via the Mode command (see Section 426)
DSR12
76 68
I
Data Set Ready
When low this indicates that the data set or MODEM is ready to establish a
communications link The DSR signal is a MODEM status input whose condition the CPU can test by
reading bit 5 (DSR) of the MODEM Status Register (MSR) for the appropriate channel Bit 5 is the
complement of the DSR signal Bit 1 (DDSR) of the MSR indicates whether the DSR input has
changed state since the previous reading of the MSR
Note
Whenever the DDSR bit of the MSR is set an interrupt is generated if MODEM Status interrupts are enabled
DTR12
71 63
O
Data Terminal Ready
When low this output indicates to the MODEM or data set that the UART is
ready to establish a communications link The DTR signal can be set to an active low by programming
bit 0 (DTR) of the MODEM Control Register to a high level A Master Reset operation sets this signal
to its inactive (high) state In the PC87312 loop mode operation holds this signal to its inactive state
(See CFG4 – 0 for further information) In the PC87311A loop mode operation holds this signal to its
inactive state if the XTSEL pin is high during reset If the XTSEL pin is low during reset the associated
pin state is controlled by the MCR0 bit during loop mode operation (See XTSEL and CFG0 – 4 for
further information)
ERR
79
I
Error
This input is set low by the printer when it has detected an error This pin has nominal 25 kX
pull-up resistor attached to it
HCS0
58
O
Hard Drive Chip Select 0
This output is active in the AT mode when the hard drive registers from
1F0 – 1F7h are selected if the primary address is used or when 170 – 177h are selected if the
secondary address is used In the XT mode (PC87311A) this output is active if the addresses from
320 – 324h are selected This output is inactive if the IDE interface is disabled via the Configuration
Register (See POE for further information)
HCS1
57
O
Hard Drive Chip Select 1
This output is active in the AT mode when the hard drive registers from
3F6 – 7 are selected if the primary address is used or when 376 – 377 are selected if the secondary
address is used In the XT mode (PC87311A) this output is inactive This output is also inactive if the
IDE interface is disabled via the Configuration Register (See PDIR for further information)
HDSEL
34
O
Head Select
This output determines which side of the FDD is accessed Active selects side 1
inactive selects side 0
IDED7
60
IO
IDE Bit 7
This pin provides the data bus bit 7 signal to the IDE hard drive during accesses in the
address range 1F0 – 1F7h 170 – 177h and 3F6h and 376h This pin is TRI-STATE during read or write
accesses to 3F7h and 377h
IDEHI
56
O
IDE High Byte
This output enables the high byte data latch during a read or write to the hard drive if
the hard drive returns IOCS16 This output is inactive if the IDE interface is disabled via the
Configuration Register
IDELO
55
O
IDE Low Byte
This output enables the low byte data latch during a read or write to the hard drive
This output is inactive if the IDE interface is disabled via the Configuration Register (See BADDR0 for
further information)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com