Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87311A Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87311A
Description  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311A Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87311A Datasheet HTML 19Page - National Semiconductor (TI) PC87311A Datasheet HTML 20Page - National Semiconductor (TI) PC87311A Datasheet HTML 21Page - National Semiconductor (TI) PC87311A Datasheet HTML 22Page - National Semiconductor (TI) PC87311A Datasheet HTML 23Page - National Semiconductor (TI) PC87311A Datasheet HTML 24Page - National Semiconductor (TI) PC87311A Datasheet HTML 25Page - National Semiconductor (TI) PC87311A Datasheet HTML 26Page - National Semiconductor (TI) PC87311A Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 78 page
background image
30 FDC Register Description (Continued)
D7
Disk Changed
Active low status of DSKCHG disk
interface input During power down this bit will be
invalid if it is read by the software
D6 – D4 Reserved
Always 0
D3
DMA Enable
Active high status of the DMAEN bit
in the DOR
D2
No Precompensation
Active high status of the
NOPRE bit in the CCR
D1D0 Data Rate Select 10
These bits indicate the
status of the DRATE 10 bits programmed through
the DSRCCR
39 CONFIGURATION CONTROL REGISTER (CCR)
Write Only
This is the write-only data rate register commonly used in
PC-AT applications This register is not affected by a soft-
ware reset and is set to 250 kbs after a hardware reset
The data rate of the floppy controller is determined by the
last write to either the CCR or DSR
391 CCRPC-AT and PS2 Modes
D7
D6
D5
D4
D3
D2
D1
D0
DESC
000000
DRATE1
DRATE0
RESET
NA
NA
NA
NA
NA
NA
1
0
COND
D7–D2 Reserved
Should be set to 0
D1D0 Data Rate Select 10
These bits determine the
data rate of the floppy controller See Table 3-6 for
the appropriate values
392 CCRModel 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
0
0
0
0
NOPRE
DRATE1
DRATE0
RESET
NA
NA
NA
NA
NA
NA
1
0
COND
D7–D3 Reserved
Should be set to 0
D2
No Precompensation
This bit can be set by soft-
ware but it has no functionality It can be read by bit
D2 of the DIR when in the Model 30 register mode
Unaffected by a software reset
D1D0 Data Rate Select 10
These bits determine the
data rate of the floppy controller See Table 3-6 for
the appropriate values
310 RESULT PHASE STATUS REGISTERS
The Result Phase of a command contains bytes that hold
status information The format of these bytes is described
below Do not confuse these status bytes with the Main
Status Register which is a read only register that is always
valid The Result Phase status registers are read from the
Data Register (FIFO) only during the Result Phase of certain
commands (see Section 41 Command Set Summary) The
status of each register bit is indicated when the bit is a 1
3101 Status Register 0 (ST0)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IC
IC
SE
EC
0
HDS
DS1
DS0
RESET
00
0
0
0
0
0
0
COND
D7–D6 Interrupt Code
00 e Normal Termination of Command
01 e Abnormal Termination of Command Execu-
tion of command was started but was not
successfully completed
10 e Invalid Command Issued Command issued
was not recognized as a valid command
11 e Internal drive ready status changed state dur-
ing the drive polling mode Only occurs after a
hardware or software reset
D5
Seek End
Seek Relative Seek or Recalibrate
command completed by the controller (Used during
a Sense Interrupt command)
D4
Equipment Check
After a Recalibrate command
Track 0 signal failed to occur (Used during Sense
Interrupt command)
D3
Not Used Always 0
D2
Head Select
Indicates the active high status of the
HDSEL pin at the end of the Execution Phase
D1D0 Drive Select 10
These two binary encoded bits
indicate the logical drive selected at the end of the
Execution Phase
00 e Drive 0 selected
01 e Drive 1 selected
10 e Drive 2 selected
11 e Drive 3 selected
3102 Status Register 1 (ST1)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
ET
0
CE
OR
0
ND
NW
MA
RESET
00
0
0
0
0
0
0
COND
D7
End of Track
Controller transferred the last byte of
the last sector without the TC pin becoming active
The last sector is the End of Track sector number
programmed in the Command Phase
D6
Not Used Always 0
D5
CRC Error
If this bit is set and bit 5 of ST2 is clear
then there was a CRC error in the Address Field of
the correct sector If bit 5 of ST2 is also set then
there was a CRC error in the Data Field
D4
Overrun
Controller was not serviced by the mP
soon enough during a data transfer in the Execution
Phase For read operations indicates a data over-
run For write operations indicates a data underrun
D3
Not Used Always 0
D2
No Data
Three possible problems
1 Controller cannot find the sector specified in the
Command Phase during the execution of a Read
Write Scan or Verify command An address
mark was found however so it is not a blank disk
2 Controller cannot read any Address Fields with-
out a CRC error during a Read ID command
3 Controller cannot find starting sector during exe-
cution of Read A Track command
D1
Not Writable
Write Protect pin is active when a
Write or Format command is issued
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com