Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175SP-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7175SP-13
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175SP-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7175SP-13 Datasheet HTML 5Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 6Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 7Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 8Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 9Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 10Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 11Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 12Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP7175
Document number: DS35606 Rev. 4 - 3
9 of 14
www.diodes.com
January 2017
© Diodes Incorporated
AP7175
NOT RECOMMENDED FOR NEW DESIGN -
NO ALTERNATE PART
Application Information
Power Good and Delay
AP7175 monitors the feedback voltage VFB on the FB pin. An internal delay timer is started after the PG voltage threshold (VTHPG) on the FB pin
is reached. At the end of the delay time an internal NMOS of the PG is turned off to indicate that the power at the output is good (PG). This
monitoring function is continued during operation and if VFB falls 8% (typ) below VTHPG, the NMOS of the PG is turned on after a delay time of
typical 10µs to avoid oscillating of the PG signal.
Power On Reset
AP7175 monitors both supply voltages, VCNTL and VIN to ensure operation as intended. A Soft-Start process is initiated after both voltages
exceed their POR threshold during power on. During operation the POR component continues to monitor the supply voltage and pulls the PG low
to indicate an out of regulation supply. This function will engage without regard to the status of the output.
Soft-Start
AP7175 incorporates an internal Soft-Start function. The output voltage rise is controlled to limit the current surge during start-up. The typical
Soft-Start time is 0.6ms.
Current-Limit Protection
AP7175 monitors the current flow through the NMOS and limits the maximum current to avoid damage to the load and AP7175 during overload
conditions.
Short Circuit Current-Limit Protection
AP7175 incorporates a current limit function to reduce the maximum current to 1.1A (typ) when the voltage at FB falls below 0.2V (typ) during an
overload or short circuit situation.
During start-up period, this function is disabled to ensure successful heavy load start-up.
Enable Control
If the enable pin (EN) is left open, an internal current source of ~5µA pulls the pin up and enables the AP7175. This will reduce the bill of material
saving an external pull up resistor. Driving the enable pin low disables the device. Driving the pin high subsequently initiates a new Soft-Start
cycle.
Output Voltage Regulation
Output Voltage is set by resistor divider from VOUT via FB pin to GND. Internally VFB is compared to a 0.8V temperature compensated reference
voltage and the NMOS pass element regulates the output voltage while delivering current from VIN to VOUT.
Setting the Output Voltage
A resistor divider connected to FB pin programs the output voltage.
V
2
R
1
R
1
*
V
V
REF
OUT
 
R1 is connected from VOUT to FB with Kelvin sensing connection. R2 is connected from FB to GND. To improve load transient response and
stability, a bypass capacitor can be connected in parallel with R1. (optional in typical application circuit)
Power Sequencing
AP7175 requires no specific sequencing between VIN and VCNTL. However, care should be taken to avoid forcing VOUT for prolonged time without
the presence of VIN. Conduction through internal parasitic diode (from VOUT to VIN) could damage AP7175.
Thermal Shutdown
The PCB layout and power requirements for AP7175 under normal operation condition should allow enough cooling to restrict the junction
temperature to +125°C. The packages for AP7175 have an exposed PAD to support this. These packages provide better connection to the PCB
and thermal performance. Refer to the layout considerations.
If AP7175 junction temperature reaches +170°C a thermal protection block disables the NMOS pass element and lets the part cool down. After
its junction temperature drops by 50°C (typ), a new Soft-Start cycle will be initiated. A new thermal protection will start, if the load or ambient
conditions continue to raise the junction temperature to +170°C. This cycle will repeat until normal operation temperature is maintained again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com