Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7175SP-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7175SP-13
Description  3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7175SP-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7175SP-13 Datasheet HTML 1Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 2Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 3Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 4Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 5Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 6Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 7Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 8Page - Diodes Incorporated AP7175SP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP7175
Document number: DS35606 Rev. 4 - 3
1 of 14
www.diodes.com
January 2017
© Diodes Incorporated
AP7175
NOT RECOMMENDED FOR NEW DESIGN -
NO ALTERNATE PART
3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Description
The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that
features an enable input and a power-good output.
The enable input and power-good output allow users to configure
power management solutions that can meet the sequencing
requirements of FPGAs, DSPs, and other applications with different
start-up and power-down requirements.
The AP7175 features two supply inputs, for power conversion supply
and control. With the separation of the control and the power input
very low dropout voltages can be reached and power dissipation is
reduced.
A precision reference and feedback control deliver 1.5% accuracy
over load, line, and operating temperature ranges.
The AP7175 is available in SO-8EP and MSOP-8EP package with an
exposed PAD to reduce the junction to case resistance and extend
the temperature range it can be used in.
Features
VIN Range: 1.2V to 3.65V VCNTL 3.0V to 5.5V
Adjustable output voltage
Continuous Output Current IOUT = 3A
Fast transient response
Power on reset monitoring on VCNTL and VIN
Internal Softstart
Stable with Low ESR MLCC Capacitors
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
GND
FB
VOUT
EN
PG
VCNTL
VIN
SO-8EP
(Top View)
8
7
6
5
1
2
3
4
VOUT
2
GND
FB
VOUT
EN
PG
VCNTL
VIN
MSOP-8EP
(Top View)
1
3
4
8
7
6
5
VOUT
= PAD (connected to VIN)
Applications
Notebook
PC
Netbook
Wireless Communication
Server
Motherboard
Dongle
Front Side Bus VTT (1.2V/3.3A)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
ON
OFF
PG
VCNTL
VIN
EN
VOUT
FB
GND
C1
R1
R2
CIN
COUT
CCNTL
R3
*Optional
10µF
1µF
5.1K
Ω
10µF
24K
Ω
12K
Ω
AP7175
Figure 1. Typical Application Circuit


Similar Part No. - AP7175SP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7175SP-13 DIODES-AP7175SP-13 Datasheet
435Kb / 14P
The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
Rev 3
More results

Similar Description - AP7175SP-13

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9966 GMT-G9966 Datasheet
445Kb / 9P
3A Low Dropout Regulator with Enable
G9967 GMT-G9967 Datasheet
38Kb / 1P
3A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7176B DIODES-AP7176B Datasheet
1Mb / 14P
3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
Rev 3
logo
E-CMOS Corporation
EC8330 E-CMOS-EC8330 Datasheet
1Mb / 16P
3A Low Dropout Regulator with Enable
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD5830A TECHCODE-TD5830A Datasheet
986Kb / 18P
3A Low Dropout Regulator with Enable
logo
Shenzhen Huazhimei Semi...
HM6230 HMSEMI-HM6230 Datasheet
1Mb / 17P
3A Low Dropout Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com