Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7201-1818FMG-7 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP7201-1818FMG-7
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201-1818FMG-7 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP7201-1818FMG-7 Datasheet HTML 5Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 6Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 7Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 8Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 9Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 10Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 11Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 12Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
10 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Application Note
Input Capacitor
AP7201 requires a minimum input capacitance of
0.22
μF ceramic capacitor between VIN and GND pins to
prevent any impedance interactions with the supply.
This input capacitor should be located as close as
possible to the device to assure input stability and less
noise. For PCB layout, a wide copper trace is required
for both IN and GND.
Output Capacitor
AP7201 requires a minimum of 0.22
μF capacitance on
each output to stabilize the transient response of the
LDO. The AP7201 is designed to have excellent
transient response for most applications with a small
amount of output capacitance. A ceramic capacitor is
recommended on each channel to connect between
OUT and GND pins. The device is also stable with
multiple capacitors in parallel, which can be of any type
of value. Larger capacitance helps to reduce undershoot
and overshoot during transient and provides better
stability and noise performance. This output capacitor
should be placed as close as possible to OUT and GND
pins for optimum performance.
No Load Stability
Other than external resistor divider, no minimum load is
required to keep the device stable. The device will
remain stable and regulated in no load condition.
ENABLE/SHUTDOWN Operation
The AP7201 is turned on by setting the EN pin high by
pulling to input voltage (VIN), and is turned off by pulling
it low (GND). The EN function allows the output of each
regulator to be turned off independently, resulting in
greatly reduced power consumption.
The EN pin
should be tied to VIN pin to keep the regulator output on
at all time. To ensure proper operation, the signal
source used to drive the EN pin must be able to swing
above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section
under VIL and VIH.
Current Limit Protection
In the presence of a short or excessive load current
condition, the AP7201 uses an internal short circuit
fold-back mechanism that triggers the current limit
protection
and
clamps
the
output
current
to
approximately 300mA.
Short Circuit Protection
When OUT pin is short-circuited to GND or OUT pin
voltage is less than 200mV, short circuit protection will
be triggered and clamp the output current to
approximately 40mA typical. This feature protects the
regulator from over-current and damage due to
overheating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com