Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP7201-1818FMG-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7201-1818FMG-7
Description  DUAL 150mA LOW DROPOUT LINEAR REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7201-1818FMG-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7201-1818FMG-7 Datasheet HTML 1Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 2Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 3Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 4Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 5Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 6Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 7Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 8Page - Diodes Incorporated AP7201-1818FMG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP7201
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
AP7201 Rev. 3
3 of 13
MAY 2014
www.diodes.com
© Diodes Incorporated
DISCONTINUED
Absolute Maximum Ratings
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
4
KV
ESD MM
Machine Model ESD Protection
250
V
Ven1 MAX
Enable 1 Voltage
VIN + 0.3
V
Ven2 MAX
Enable 2 Voltage
VIN + 0.3
V
Vout1MAX
Output 1 Voltage
VIN + 0.3
V
Vout2MAX
Output 2 Voltage
VIN + 0.3
V
VinMAX
Input Voltage
6.5
V
I OUT MAX
Continuous Load Current per Channel
150
mA
TLEAD
Lead Temperature
260
°C
TST
Storage Temperature
-65 to 150
°C
TJ
Maximum Junction Temperature
150
°C
PD MAX
Power Dissipation (Notes 4, 5, 6)
DFN2018-6 (USP-6B)
1700
mW
Notes:
4. TJ, max =150°C.
5. Ratings apply to ambient temperature at 25°C.
Recommended Operating Conditions
Symbol
Description
Min
Max
Unit
VIN
Input Voltage
1.9
5.5
V
IOUT
Output Current per Channel
0
150
mA
TA
Operating Ambient Temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com