Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 204 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 204 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 200Page - Silicon Laboratories EM357-RTR Datasheet HTML 201Page - Silicon Laboratories EM357-RTR Datasheet HTML 202Page - Silicon Laboratories EM357-RTR Datasheet HTML 203Page - Silicon Laboratories EM357-RTR Datasheet HTML 204Page - Silicon Laboratories EM357-RTR Datasheet HTML 205Page - Silicon Laboratories EM357-RTR Datasheet HTML 206Page - Silicon Laboratories EM357-RTR Datasheet HTML 207Page - Silicon Laboratories EM357-RTR Datasheet HTML 208Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 241 page
background image
Rev 1.3
204
13. Instrumentation Trace Macrocell (ITM)
The EM35x integrates the standard ARM® Instrumentation Trace Macrocell (ITM). The ITM is an application-driven
trace source that supports printf style debugging to trace software events and emits diagnostic system information
from the ARM® Data Watchpoint and Trace (DWT). Software using the ITM generates Software Instrumentation
Trace (SWIT). In addition, the ITM provides coarse-grained timestamp functionality. The ITM emits trace
information as packets, and these packets are sent to the Trace Port Interface Unit (TPIU). Three sources can
generate packets. If multiple sources generate packets at the same time, the ITM arbitrates the order in which the
packets are output. The three sources, in decreasing order of priority, are:

Software trace. Software can write directly to ITM stimulus registers, emitting packets.

Hardware trace. The DWT generates packets that the ITM emits.

Time stamping. Timestamps are emitted relative to packets, and the ITM contains a 21-bit counter to
generate the timestamps.
The Ember software utilizes the ITM for efficiently generating debug data. Altering the ITM configuration may
conflict with Ember debug output.
For further information on the ITM, contact Silicon Labs support for the ARM® CortexTM-M3 Technical Reference
Manual, the ARM® CoreSight™ Components Technical Reference Manual, the ARM® v7-M Architecture
Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com