Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 208 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 208 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 204Page - Silicon Laboratories EM357-RTR Datasheet HTML 205Page - Silicon Laboratories EM357-RTR Datasheet HTML 206Page - Silicon Laboratories EM357-RTR Datasheet HTML 207Page - Silicon Laboratories EM357-RTR Datasheet HTML 208Page - Silicon Laboratories EM357-RTR Datasheet HTML 209Page - Silicon Laboratories EM357-RTR Datasheet HTML 210Page - Silicon Laboratories EM357-RTR Datasheet HTML 211Page - Silicon Laboratories EM357-RTR Datasheet HTML 212Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 241 page
background image
208
Rev 1.3
An external 1.8 V regulator may replace both internal regulators. The EM35x can control external regulators during
deep sleep using open-drain GPIO PA7, as described in "7. GPIO (General Purpose Input/Output)" on page 50.
The EM35x drives PA7 low during deep sleep to disable the external regulator, and an external pull-up is required
to release this signal to indicate that supply voltage should be provided. Current consumption increases
approximately 2 mA when using an external regulator. When using an external regulator, the internal regulators
should be disabled through Ember software. The always-on domain needs to be minimally powered at 2.1 V and
cannot be powered from the external 1.8 V regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com