Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 206 Page - Silicon Laboratories

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM357-RTR Datasheet(HTML) 206 Page - Silicon Laboratories

Back Button EM357-RTR Datasheet HTML 202Page - Silicon Laboratories EM357-RTR Datasheet HTML 203Page - Silicon Laboratories EM357-RTR Datasheet HTML 204Page - Silicon Laboratories EM357-RTR Datasheet HTML 205Page - Silicon Laboratories EM357-RTR Datasheet HTML 206Page - Silicon Laboratories EM357-RTR Datasheet HTML 207Page - Silicon Laboratories EM357-RTR Datasheet HTML 208Page - Silicon Laboratories EM357-RTR Datasheet HTML 209Page - Silicon Laboratories EM357-RTR Datasheet HTML 210Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 241 page
background image
Rev 1.3
206
15. Flash Patch and Breakpoint (FPB)
The EM35x integrates the standard ARM® Flash Patch and Breakpoint (FPB). The FPB implements hardware
breakpoints. The FPB also provides support for remapping of specific instruction or literal locations from flash
memory to an address in RAM memory. The FPB contains:

Two literal comparators for matching against literal loads from flash space and remapping to a
corresponding RAM space.

Six instruction comparators for matching against instruction fetches from flash space and remapping to a
corresponding RAM space. Alternatively, the comparators can be individually configured to return a
breakpoint instruction to the processor core on a match, implementing hardware breakpoint capability.
The FPB contains a global enable, but also individual enables for the eight comparators. If the comparison for an
entry matches, the address is remapped to the address defined in the remap register plus and offset corresponding
to the comparator that matched. Alternately, the address is remapped to a breakpoint instruction. The comparison
happens on the fly, but the result of the comparison occurs too late to stop the original instruction fetch or literal
load taking place from the flash space. The processor ignores this transaction, however, and only the remapped
transaction is used.
Memory Protection Unit (MPU) lookups are performed for the original address, not the remapped address.
Unaligned literal accesses are not remapped. The original access to the bus takes place in this case.
The FPB is designed for use with advanced debug tools, available from multiple vendors. Altering the FPB
configuration may conflict with the operation of advanced debug tools.
For further information on the FPB, contact Silicon Labs support for the ARM® CortexTM-M3 Technical Reference
Manual, the ARM® CoreSight™ Components Technical Reference Manual, the ARM® v7-M Architecture
Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com