Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221FCG Datasheet(PDF) 9 Page - Diodes Incorporated

Part # API9221FCG
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221FCG Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button API9221FCG Datasheet HTML 5Page - Diodes Incorporated API9221FCG Datasheet HTML 6Page - Diodes Incorporated API9221FCG Datasheet HTML 7Page - Diodes Incorporated API9221FCG Datasheet HTML 8Page - Diodes Incorporated API9221FCG Datasheet HTML 9Page - Diodes Incorporated API9221FCG Datasheet HTML 10Page - Diodes Incorporated API9221FCG Datasheet HTML 11Page - Diodes Incorporated API9221FCG Datasheet HTML 12Page - Diodes Incorporated API9221FCG Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
9 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
Functional Characteristics (Cont.)
Charging from Adapter Power (VDC pin)
The battery can be charged from an AC powered wall adapter or in-car adapter at a current of up to 1.2A using this input pin.
The maximum charge current is set by an external resistor, RIVDC connected between the IVDC and GND pins. If VDC is greater
than the power-on threshold voltage (VPOR) and less than the over-voltage protection threshold (OVPVDC), the battery will begin
to charge at a rate dependent on the battery voltage.
When VDC input is as recommended, (4.5V to 6.7V), no charge current is drawn from the VUSB input as VDC takes
precedence. Input operation below 4.5V is also possible, but the charging rate may be affected.
The resistor RIVDC determines the charge current according to
IVDC
R
6820
IVDC
Amp
For example, a resistor value of 13kΩ sets a charge current of 0.525A. The recommended IVDC setting is 100mA to 1200mA.
Charging from Adapter Power (VDC pin) (Cont.)
The maximum charge current available may be otherwise limited by the car/wall adapter current limit, by thermal protection
within the API9221, or by the rDS(ON) of the FET in the VDC charging path. For example, if IVDC is set to 1A, there is a voltage
drop of 0.6V due the typical rDS(ON) of 600mΩ at room temperature. Therefore, the voltage at the VDC input must be at least
4.8V to charge the battery to 4.2V in the minimum time.
The VDC input is safe from damage up to 28V.
Charging from USB Power (VUSB pin)
The battery can be charged at a current of up to 0.5A from this pin. In this case the maximum available charge current is set by
an external resistor RIUSB connected between the IUSB and GND pins. If VUSB is greater than the power-on threshold voltage
(VPOR) and less than the over-voltage protection threshold (OVPVUSB), the battery will begin to charge at a rate dependent on
the battery voltage.
The resistor RIUSB resistor determines the charge current according to
IUSB
R
6820
IUSB
Amp
For example, a resistor value of 22kΩ sets a charge current of 0.31A.
The recommended IUSB setting is 46.5mA to 465mA.
The maximum charge current available may be otherwise limited by the external USB current limit, or by thermal protection
within the API9221.
The RDS(ON) of the FET in the USB charging path is typically 600mΩ at room temperature. At the IUSB limit of 465mA, there is a
voltage drop of nearly 0.3V. Therefore, the voltage at the VUSB input must be at least 4.5V to charge the battery to 4.2V in the
minimum time.
The VUSB input is safe from damage up to 28V.
Trickle Charge
When the battery voltage is below the Preconditioning Threshold, VMIN, the charger is in the Trickle Charge state and the charge
current is limited to 18% of the available charge current set by RIVDC or RIUSB. If the USB charge current is programmed to a
value less than the VDC trickle charge, then this value of the USB current is used in trickle mode (no derating).
When the battery voltage reaches VMIN, the charge current increases to 100% of the available charge current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com