Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

API9221FCG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # API9221FCG
Description  CAR/WALL OR USB SUPPLY INPUT LITHIUM BATTERY CHARGER WITH OVP USB BYPASS AND 10mA LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

API9221FCG Datasheet(HTML) 2 Page - Diodes Incorporated

  API9221FCG Datasheet HTML 1Page - Diodes Incorporated API9221FCG Datasheet HTML 2Page - Diodes Incorporated API9221FCG Datasheet HTML 3Page - Diodes Incorporated API9221FCG Datasheet HTML 4Page - Diodes Incorporated API9221FCG Datasheet HTML 5Page - Diodes Incorporated API9221FCG Datasheet HTML 6Page - Diodes Incorporated API9221FCG Datasheet HTML 7Page - Diodes Incorporated API9221FCG Datasheet HTML 8Page - Diodes Incorporated API9221FCG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
API9221
Document number: DS32204 Rev. 3 - 3
2 of 16
www.diodes.com
June 2016
© Diodes Incorporated
API9221
Typical Application Circuit
API9221
ON
OFF
VDC_LDO
EN
PPR
CHG
BAT
GND
USB_BYP
IMIN
IUSB
IVDC
To Battery
To MCU
USB_BYP
LDO Output
VDC
VUSB
USB Input
DC Input
I/O_VDD
I/O_VDD
Pin Descriptions
Name
Pin #
Descriptions
VDC
1
Input Pin from a
Wall AC/DC or Car
Adapter
The recommended input to this pin is 4.5V to 6.7V with a maximum safe value of
28V. If a sufficient voltage is detected on VDC, no charge current is taken from the
VUSB pin. Internal OVP trips at 6.9V. The input current can be programmed with a
resistor at IVDC (pin 9). Decoupling with a 1
μF ceramic capacitor is
recommended.
VUSB
2
USB Host Device
Input
The recommended input to this pin is 4.5V to 5.3V with a maximum safe value of
28V. Internal OVP trips at 5.4V. The supply current drawn at this pin is the sum
of the charge current and the USB_BYP current. Decoupling with a 1
μF ceramic
capacitor is recommended. Special attention has to be given to the maximum
capacitance on the USB connection. Refer to the USB standard.
PPR
3
Power Present
Signal Output,
Active-Low
The power present pin can indicate to a host processor that an external source is
present and that current can be derived from the input. This is an open drain
output pin, which goes LOW when a valid source voltage is connected to either
VUSB or VDC. If connected to a processor I/O a pull up resistor should be
utilized.
Alternatively this pin can be used to drive an indicator LED up to 10mA.
CHG
4
Charge Indicator
Output, Active-Low
Open drain pin is pulled LOW when charging is performed.
Goes high when
charge current reaches IMIN. Remains high (including top-up), until the battery
voltage falls below 3.9V or the device is power cycled or
EN is cycled. If
connected to a processor I/O a pull up resistor should be utilized.
Alternatively this pin can be used to drive an indicator LED up to 10mA.
EN
5
Charge Enable
Input, Active-Low
Logic level input pin to control charging from an external processor. An internal
600kΩ (nominally) pull-down resistor is provided, This pin normally requires a pull
up resistor when connected to a processor I/O.
IMIN
6
Current Setting for
End-Of-Charge
State
The end-of-charge current is set by a resistor connected from this pin to GND.
This applies to charging from either VDC or VUSB.
IUSB
7
Current Setting,
USB Power
The USB input maximum charging current is set by a resistor connected from this
pin to GND. This current is also limited by a thermally controlled current fold-back
circuit.
GND
8
Ground
Ground return path.
IVDC
9
Current Setting,
Wall or Car Adapter
VDC input maximum charging current is set by a resistor connected from this pin
to GND. This current is also limited by a thermally controlled current fold-back
circuit.
USB_BYP
10
USB Bypass Output
Provides an external load path from the USB input, with current limiting. Protected
against reverse current.
BAT
11
Battery Connector
Connect this pin to the positive terminal of the battery. This pin is also used to
monitor the charge state of the battery. It is not recommended to operate the part
without a battery connected to this pin. Protected against reverse current.
VDC_LDO
12
LDO Output
Low current linear regulator for system supply, available when a valid VDC input
supply is used.
Stabilize with a 0.1μF to 1μF ceramic capacitor to ground.
Protected against reverse current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com