Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB-RPSMAFRA-HT Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # PCB-RPSMAFRA-HT
Description  RP-SMA(F)RA PCB Mount Jack Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PCB-RPSMAFRA-HT Datasheet(HTML) 1 Page - Taoglas antenna solutions

  PCB-RPSMAFRA-HT Datasheet HTML 1Page - Taoglas antenna solutions PCB-RPSMAFRA-HT Datasheet HTML 2Page - Taoglas antenna solutions PCB-RPSMAFRA-HT Datasheet HTML 3Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPE-14-8-101/C/AD
Page 1 of 3
SPECIFICATION
Part No.
: PCB.RPSMAFRA.HT
Product Name
: RP-SMA(F)RA PCB Mount Jack Connector
Solder Attachment Through Hole
Feature
: RP-SMA(F)RA Jack
Through Hole
Frequency Range: DC up to 6GHz
Finish: Gold
Dimensions: 13.75mm*15.1mm
RoHS Compliant


Similar Part No. - PCB-RPSMAFRA-HT

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
PCB-RE TEC-PCB-RE Datasheet
233Kb / 2P
Optimized height 10.6mm
PCB-REL TEC-PCB-REL Datasheet
234Kb / 2P
Especially suited for applications white goods consumer electronics, etc.
logo
BusBoard Prototype Syst...
PCB-RELAY8 BUSBOARD-PCB-RELAY8 Datasheet
785Kb / 3P
Octal Relay Output Board for Microcontroller Projects
Rev 0.10
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
5kV/10mm coil-contact, reinforced insulation
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
5kV/10mm coil-contact, reinforced insulation
More results

Similar Description - PCB-RPSMAFRA-HT

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
142-0701-556 JOHANSON-142-0701-556 Datasheet
67Kb / 1P
JACK ASEEMBLY, RA PC MOUNT BULKHEAD, SMA
logo
Molex Electronics Ltd.
73251-2209 MOLEX8-73251-2209 Datasheet
460Kb / 6P
SMA JACK R/A PCB 50OHM SMA-J/RA/PCB
logo
List of Unclassifed Man...
EMPCBSMAFSTJBHT ETC2-EMPCBSMAFSTJBHT Datasheet
186Kb / 3P
SMA (F) Jack For Edge PCB Mount
EMPCBSMAFSTJCHT ETC2-EMPCBSMAFSTJCHT Datasheet
153Kb / 3P
SMA (F) Jack For Edge PCB Mount
PCBSMAFSTJAHT ETC2-PCBSMAFSTJAHT Datasheet
248Kb / 3P
SMA (F) Surface Mount PCB Jack
PCBSMAFSTJBHT ETC2-PCBSMAFSTJBHT Datasheet
207Kb / 3P
SMA (F) Surface Mount PCB Jack
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
logo
Taoglas antenna solutio...
EMPCB-SMAFSTJ-C TAOGLAS-EMPCB-SMAFSTJ-C Datasheet
190Kb / 4P
SMA(F)JACK FOR EDGE PCB MOUNT
PCB-SMAFST-J-B-HT TAOGLAS-PCB-SMAFST-J-B-HT Datasheet
207Kb / 3P
SMA(F) Surface Mount PCB Jack
logo
Linx Technologies
CONREVSMA008-G LINX-CONREVSMA008-G Datasheet
284Kb / 2P
RP-SMA FEMALE PCB MOUNT EXTENDED
21/JAN/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com