Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN2M50T-H Datasheet(PDF) 6 Page - STMicroelectronics

Part # IPN2M50T-H
Description  3-phase inverters for small power motor drives
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN2M50T-H Datasheet(HTML) 6 Page - STMicroelectronics

Back Button IPN2M50T-H Datasheet HTML 2Page - STMicroelectronics IPN2M50T-H Datasheet HTML 3Page - STMicroelectronics IPN2M50T-H Datasheet HTML 4Page - STMicroelectronics IPN2M50T-H Datasheet HTML 5Page - STMicroelectronics IPN2M50T-H Datasheet HTML 6Page - STMicroelectronics IPN2M50T-H Datasheet HTML 7Page - STMicroelectronics IPN2M50T-H Datasheet HTML 8Page - STMicroelectronics IPN2M50T-H Datasheet HTML 9Page - STMicroelectronics IPN2M50T-H Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical ratings
STIPN2M50T-H
6/25
DocID028651 Rev 5
2
Electrical ratings
2.1
Absolute maximum ratings
Table 3: Inverter part
Symbol
Parameter
Value
Unit
VDSS
MOSFET blocking voltage (or drain-source voltage) for
each MOSFET (VIN(1)= 0)
500
V
± ID
Continuous current each MOSFET
2
A
± IDP(2)
Peak drain current each MOSFET (less than 1 ms)
4
A
PTOT
Each MOSFET total dissipation at TC = 25 °C
10.4
W
Notes:
(1)Applied among HINi, LINi and GND for i = U, V, W.
(2)Pulse width limited by max. junction temperature.
Table 4: Control part
Symbol
Parameter
Min.
Max.
Unit
VOUT
Output voltage applied among OUTU, OUTV, OUTW - GND
Vboot - 21
Vboot + 0.3
V
VCC
Low voltage power supply
- 0.3
21
V
VCIN
Comparator input voltage
- 0.3
VCC + 0.3
V
Vop+
Op-amp non-inverting input
- 0.3
VCC + 0.3
V
Vop-
Op-amp inverting input
- 0.3
VCC + 0.3
V
Vboot
Bootstrap voltage
- 0.3
620
V
VIN
Logic input voltage applied among HIN, LIN and GND
- 0.3
15
V
��������/��������
̅̅̅̅/��������
Open-drain voltage
- 0.3
15
V
∆VOUT/dT
Allowed output slew rate
50
V/ns
Table 5: Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied between each pin and
heatsink plate (AC voltage, t = 60 s)
1000
V
Tj
Power chip operating junction temperature
-40 to 150
°C
TC
Module case operation temperature
-40 to 125
°C
2.2
Thermal data
Table 6: Thermal data
Symbol
Parameter
Value
Unit
Rth(j-c)
Thermal resistance junction-case
12
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com