Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPN2M50T-H Datasheet(PDF) 8 Page - STMicroelectronics

Part # IPN2M50T-H
Description  3-phase inverters for small power motor drives
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPN2M50T-H Datasheet(HTML) 8 Page - STMicroelectronics

Back Button IPN2M50T-H Datasheet HTML 4Page - STMicroelectronics IPN2M50T-H Datasheet HTML 5Page - STMicroelectronics IPN2M50T-H Datasheet HTML 6Page - STMicroelectronics IPN2M50T-H Datasheet HTML 7Page - STMicroelectronics IPN2M50T-H Datasheet HTML 8Page - STMicroelectronics IPN2M50T-H Datasheet HTML 9Page - STMicroelectronics IPN2M50T-H Datasheet HTML 10Page - STMicroelectronics IPN2M50T-H Datasheet HTML 11Page - STMicroelectronics IPN2M50T-H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
STIPN2M50T-H
8/25
DocID028651 Rev 5
Figure 3: Switching time test circuit
Figure 4: Switching time definition
Figure 4: "Switching time definition" refers to HIN, LIN inputs (active high).
+5V
+Vcc
Input
Vdd
C
L
Vboot>Vcc
5V
0V
+
-
Vds
I c
+
-
RSD
GND
LIN
VCC
LVG
SD/OD
OUT
HVG
Vboot
HIN
+
-
GIPD161120151702 RV
VDS
ID
ID
VIN
t
ON
t
C(ON)
VIN(ON)
10% ID 90%ID 10%VDS
(a) turn-on
(b) turn-off
t
rr
100% ID 100%ID
VIN
VDS
t
OFF
t
C(OFF)
VIN(OFF)
10%VDS
10%ID
AM09223V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com