Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIM1
Description  1 Watt Ultra-Miniatur SIL-Modul-Serie
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SIM1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIM1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIM1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HN Electronic Components GmbH • Birkenweiherstr. 2 • D-63505 Langenselbold
Tel. (06184) 92780 • Fax (06184) 62316 • http://www.hn-electronic.de
56
SIM1-SIL 4
1 Watt Ultra-Miniatur SIL-Modul-Serie
Besondere Merkmale
Features
Ultraminiatur-SIL4-Gehäuse
Ultra mini SIL4 package
Isolationsspannung max. 1000 VDC
Isolation voltage max. 1000 V
kurzzeitig Kurzschlußfestigkeit
short-time short circuit protection
Technische Daten
Specification
(bei 25°C Umgebungstemperatur)
(at 25°C ambient temperature)
Eingangsdaten
Input Specifications
Eingangsspannung
Input voltages
5 / 12 / 15 / 24 VDC, ±10%
Eingangsfilter
Input filter
Kondensatoren, capacitors
Ausgangsdaten
Output Specifications
Leistung
Power
1 Watt
Wirkungsgrad
Efficiency
70% min.
Regelabweichung
Voltage accuracy
Max. ±5%
Restwelligkeit
Ripple and noise
120 mV p-p typ., 200 mV p-p max.
Last
Load
±8%
Eingang
Line
±1.2% von Vin
Allgemeine Daten
General Specifications
Betriebstemperatur
Operation temperature
−20°C…+71°C
Lagertemperatur
Storage temperature
−25°C…+125°C
Isolationsspannung
Isolation voltage
1 kVDC min.
Gehäusematerial
Casing
Nichtleitender Kunststoff, non conducting plastics
1W
DC/DC
SIM-SIL
MODUL
DB_00_98.fm Seite 56 Donnerstag, 22. Oktober 1998 3:59 15


Similar Part No. - SIM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM1-0505D-DIL8 ETC1-SIM1-0505D-DIL8 Datasheet
64Kb / 2P
1 Watt Ultra-Miniatur DIL-Modul-Serie
SIM1-0505S-DIL8 ETC1-SIM1-0505S-DIL8 Datasheet
64Kb / 2P
1 Watt Ultra-Miniatur DIL-Modul-Serie
SIM1-0512D-DIL8 ETC1-SIM1-0512D-DIL8 Datasheet
64Kb / 2P
1 Watt Ultra-Miniatur DIL-Modul-Serie
SIM1-0512S-DIL8 ETC1-SIM1-0512S-DIL8 Datasheet
64Kb / 2P
1 Watt Ultra-Miniatur DIL-Modul-Serie
SIM1-0515D-DIL8 ETC1-SIM1-0515D-DIL8 Datasheet
64Kb / 2P
1 Watt Ultra-Miniatur DIL-Modul-Serie
More results

Similar Description - SIM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM2-0505S-SIL7 ETC-SIM2-0505S-SIL7 Datasheet
59Kb / 2P
2 Watt Ultra-Miniatur SIL-Modul-Series
SIM1-0505S-DIL8 ETC1-SIM1-0505S-DIL8 Datasheet
64Kb / 2P
1 Watt Ultra-Miniatur DIL-Modul-Serie
SIM5-0505S ETC1-SIM5-0505S Datasheet
118Kb / 2P
3 Watt Small-Input-Ranging Compact-Serie
logo
Bothhand USA, LP.
B1-0505SS BOTHHAND-B1-0505SS Datasheet
706Kb / 6P
B1-Sil Series 1 Watt Isolated DC-DC Converter
logo
PIC GmbH
MS-213-3 PIC-MS-213-3_14 Datasheet
325Kb / 2P
Miniatur-Reedsensor
MS-214-3 PIC-MS-214-3_14 Datasheet
309Kb / 2P
Miniatur-Reedsensor
MS-225-3 PIC-MS-225-3 Datasheet
226Kb / 2P
Miniatur-Reedsensor
PLS-031A-3PAI PIC-PLS-031A-3PAI Datasheet
291Kb / 2P
Miniatur-Levelsensor
PLS-031A-3PPI PIC-PLS-031A-3PPI Datasheet
159Kb / 2P
Miniatur-Levelsensor
PLS-031B-3PPI PIC-PLS-031B-3PPI Datasheet
159Kb / 2P
Miniatur-Levelsensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com