Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SIM1
Description  1 Watt Ultra-Miniatur SIL-Modul-Serie
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SIM1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SIM1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIM1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technische Änderungen vorbehalten.
Technical specifications are subject to change without notice.
ME MO :
HN Electronic Components GmbH • Birkenweiherstr. 2 • D-63505 Langenselbold
Tel. (06184) 92780 • Fax (06184) 62316 • http://www.hn-electronic.de
57
SIM1-SIL 4
1 Watt Ultra-Miniatur SIL-Modul-Serie
Bestell-Information / Order Information
Modell
Eingang/Input
Ausgang/Output
VV /mA
SIM1-0505-SIL4
5
5/200
SIM1-0512-SIL4
5
12/83
SIM1-0515-SIL4
5
15/66
SIM1-0524-SIL4
5
24/42
SIM1-1205-SIL4
12
5/200
SIM1-1212-SIL4
12
12/83
SIM1-1215-SIL4
12
15/66
SIM1-1224-SIL4
12
24/42
SIM1-1505-SIL4
15
5/200
SIM1-1512-SIL4
15
12/83
SIM1-1515-SIL4
15
15/66
SIM1-1524-SIL4
15
24/42
SIM1-2405-SIL4
24
5/200
SIM1-2412-SIL4
24
12/83
SIM1-2415-SIL4
24
15/66
SIM1-2424-SIL4
24
24/42
PIN-Belegung und Zeichnung / Pin Assignments & Drawing, mm (inch)
Andere Typen und Spannungen auf Anfrage • Other models and configurations on request.
ø0,5 (0.02 DIA)
Printing Surface
11,3 (0.45)
6,0 (0.245)
2,54 (0.1)
2 3 4
1
2
3
4
Pin Connection
Pin
Single Output
1
−V Input
2
+V Input
3
−V Output
4
+V Output
1W
DC/DC
SIM-SIL
MODUL
DB_00_98.fm Seite 57 Donnerstag, 22. Oktober 1998 3:59 15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com