Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1047 Datasheet(PDF) 1 Page - STMicroelectronics

Part # D1047
Description  Power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1047 Datasheet(HTML) 1 Page - STMicroelectronics

  D1047 Datasheet HTML 1Page - STMicroelectronics D1047 Datasheet HTML 2Page - STMicroelectronics D1047 Datasheet HTML 3Page - STMicroelectronics D1047 Datasheet HTML 4Page - STMicroelectronics D1047 Datasheet HTML 5Page - STMicroelectronics D1047 Datasheet HTML 6Page - STMicroelectronics D1047 Datasheet HTML 7Page - STMicroelectronics D1047 Datasheet HTML 8Page - STMicroelectronics D1047 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2011
Doc ID 018729 Rev 1
1/10
10
2SD1047
High power NPN epitaxial planar bipolar transistor
Features
■ High breakdown voltage VCEO = 140 V
■ Typical ft = 20 MHz
■ Fully characterized at 125 oC
Application
■ Power supply
Description
The device is a NPN transistor manufactured
using new BiT-LA (Bipolar transistor for linear
amplifier) technology. The resulting transistor
shows good gain linearity behaviour.
Figure 1.
Internal schematic diagram
TO-3P
1
2
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
2SD1047
2SD1047
TO-3P
Tube
www.st.com


Similar Part No. - D1047

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
D1047 SAVANTIC-D1047 Datasheet
199Kb / 4P
Silicon NPN Power Transistors
logo
Mospec Semiconductor
D1047 MOSPEC-D1047 Datasheet
130Kb / 3P
POWER TRANSISTORS(12A,140V,100W)
logo
Tiger Electronic Co.,Lt...
D1047 TGS-D1047 Datasheet
70Kb / 1P
Complementary Silicon Power Ttransistors
logo
Wing Shing Computer Com...
D1047 WINGS-D1047 Datasheet
48Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
logo
Jiangsu Changjiang Elec...
D1047 JIANGSU-D1047 Datasheet
740Kb / 4P
TO-3P Plastic-Encapsulate Transistors
More results

Similar Description - D1047

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com