Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1047 Datasheet(PDF) 3 Page - STMicroelectronics

Part # D1047
Description  Power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1047 Datasheet(HTML) 3 Page - STMicroelectronics

  D1047 Datasheet HTML 1Page - STMicroelectronics D1047 Datasheet HTML 2Page - STMicroelectronics D1047 Datasheet HTML 3Page - STMicroelectronics D1047 Datasheet HTML 4Page - STMicroelectronics D1047 Datasheet HTML 5Page - STMicroelectronics D1047 Datasheet HTML 6Page - STMicroelectronics D1047 Datasheet HTML 7Page - STMicroelectronics D1047 Datasheet HTML 8Page - STMicroelectronics D1047 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SD1047
Electrical characteristics
Doc ID 018729 Rev 1
3/10
2
Electrical characteristics
(Tcase = 25 °C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 200 V
0.1
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 6 V
0.1
µA
V(BR)CEO
(1)
Collector-emitter
breakdown voltage (IB = 0)
IC = 50 mA
140
V
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = 100 µA
200
V
V(BR)EBO
(1)
Emitter-base breakdown
voltage (IC = 0)
IE = 1 mA
6
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 5 A
IB = 500 mA
IC = 7 A
IB = 700 mA
0.5
0.7
V
V
VBE
Base-emitter voltage
VCE = 5 V
IC = 5 A
1.3
V
hFE
DC current gain
IC = 1 A
VCE = 5 V
IC = 5 A
VCE = 4 V
60
50
200
fT
Transition frequency
IC = 0.5 A
VCE = 12 V
20
MHz
CCBO
Collector-base
capacitance (IE = 0)
VCB = 10 V
f = 1 MHz
150
pF
ton
tstg
tf
Resistive Load
Turn-on time
Storage time
Fall time
VCC = 60 V
IC = 5 A
IB1 = -IB2 = 0.5 A
0.22
4.3
0.5
µs
µs
µs
1.
Pulse duration = 300 µs, duty cycle
≤ 1.5 %



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com