Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ST31A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2ST31A
Description  High switching speed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST31A Datasheet(HTML) 1 Page - STMicroelectronics

  2ST31A Datasheet HTML 1Page - STMicroelectronics 2ST31A Datasheet HTML 2Page - STMicroelectronics 2ST31A Datasheet HTML 3Page - STMicroelectronics 2ST31A Datasheet HTML 4Page - STMicroelectronics 2ST31A Datasheet HTML 5Page - STMicroelectronics 2ST31A Datasheet HTML 6Page - STMicroelectronics 2ST31A Datasheet HTML 7Page - STMicroelectronics 2ST31A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
December 2010
Doc ID 17868 Rev 2
1/8
8
2ST31A
Low voltage NPN power transistor
Features
■ High switching speed
■ Good performances in terms of hFE linearity
Application
■ Linear and switching industrial applications
Description
The device is manufactured in planar technology
with “base island” layout. The resulting transistor
shows high gain performance coupled with low
saturation voltage.
Figure 1.
Internal schematic diagram
TO-220
1
2
3
TAB
Table 1.
Device summary
Order code
Marking
Package
Packaging
2ST31A
2ST31A
TO-220
Tube
www.st.com


Similar Part No. - 2ST31A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2ST1480 STMICROELECTRONICS-2ST1480 Datasheet
168Kb / 7P
Complementary power transistors
09-Oct-2009
2ST1480FP STMICROELECTRONICS-2ST1480FP Datasheet
142Kb / 7P
High current gain characteristic
03-Dec-2009
2ST15300 STMICROELECTRONICS-2ST15300 Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
2ST15300RSRHRG STMICROELECTRONICS-2ST15300RSRHRG Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
2ST15300RSRHRGW STMICROELECTRONICS-2ST15300RSRHRGW Datasheet
307Kb / 9P
Rad-Hard 300 V, 5 A NPN bipolar transistor
28-Oct-2022
More results

Similar Description - 2ST31A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGF40N60 FAIRCHILD-SGF40N60 Datasheet
357Kb / 8P
High Speed Switching
logo
KEC(Korea Electronics)
KDR552F KEC-KDR552F Datasheet
28Kb / 2P
HIGH SPEED SWITCHING
KGT15N120NDS KEC-KGT15N120NDS Datasheet
1Mb / 7P
High speed switching
logo
Toshiba Semiconductor
CES520 TOSHIBA-CES520 Datasheet
124Kb / 5P
High-Speed Switching
CUS08F30 TOSHIBA-CUS08F30 Datasheet
127Kb / 5P
High-Speed Switching
logo
Fairchild Semiconductor
FGAF40N60UFTU FAIRCHILD-FGAF40N60UFTU Datasheet
288Kb / 7P
High Speed Switching
FGL40N120ANTU FAIRCHILD-FGL40N120ANTU Datasheet
543Kb / 7P
High speed switching
logo
Advanced Power Electron...
AP30G100W A-POWER-AP30G100W_14 Datasheet
220Kb / 4P
High speed switching
AP30G120BSW-HF A-POWER-AP30G120BSW-HF_14 Datasheet
104Kb / 4P
High Speed Switching
AP30G120SW A-POWER-AP30G120SW_14 Datasheet
93Kb / 3P
High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com