Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ST31A Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2ST31A
Description  High switching speed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2ST31A Datasheet(HTML) 4 Page - STMicroelectronics

  2ST31A Datasheet HTML 1Page - STMicroelectronics 2ST31A Datasheet HTML 2Page - STMicroelectronics 2ST31A Datasheet HTML 3Page - STMicroelectronics 2ST31A Datasheet HTML 4Page - STMicroelectronics 2ST31A Datasheet HTML 5Page - STMicroelectronics 2ST31A Datasheet HTML 6Page - STMicroelectronics 2ST31A Datasheet HTML 7Page - STMicroelectronics 2ST31A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical characteristics
2ST31A
4/8
Doc ID 17868 Rev 2
2.1
Electrical characteristics (curve)
Figure 2.
Safe operating area
Figure 3.
Derating curves
Figure 4.
DC-current gain
Figure 5.
Base-emitter saturation
voltage
Figure 6.
Collector-emitter saturation
voltage
TJ= -40°C
TJ= 25°C
TJ= 150°C
100
10
hFE
0.01
0.1
1
IC (A)
VCE = 4 V
0.01
0.1
1
0.1
1
VBE(sat)
(V)
Ic(A)
TJ= -40°C
TJ= 150°C
TJ= 25°C
hFE= 10
IIc(A)
0.01
0.1
1
0.01
0.1
TJ= -40°C
TJ= 25°C
TJ= 150°C
VCE
CE
(sat)
(sat)
(V)
V)
hFE= 10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com