Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200BQTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ISO8200BQTR
Description  Galvanic isolated octal high-side smart power solid state-relay
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200BQTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ISO8200BQTR Datasheet HTML 9Page - STMicroelectronics ISO8200BQTR Datasheet HTML 10Page - STMicroelectronics ISO8200BQTR Datasheet HTML 11Page - STMicroelectronics ISO8200BQTR Datasheet HTML 12Page - STMicroelectronics ISO8200BQTR Datasheet HTML 13Page - STMicroelectronics ISO8200BQTR Datasheet HTML 14Page - STMicroelectronics ISO8200BQTR Datasheet HTML 15Page - STMicroelectronics ISO8200BQTR Datasheet HTML 16Page - STMicroelectronics ISO8200BQTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
ISO8200BQ
Electrical characteristics
DocID027303 Rev 4
13/37
Figure 5: td(ON)-td(OFF) synchronous mode
Figure 6: td(ON)-td(OFF) direct control mode
Table 8: Logic input and output
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Logic input pin low level voltage
(INx, OUT_EN, LOAD ,
SYNC )
-0.3
0.3 x Vdd
V
VIH
Logic input pin high level
voltage (INx, OUT_EN,
LOAD , SYNC)
0.7 x Vdd
Vdd + 0.3
V
VI(HYST)
Logic input hysteresis voltage
(INx, OUT_EN, LOAD ,
SYNC )
Vdd = 5 V
100
mV
IIN
Logic input pin current (INx,
OUT_EN, LOAD , SYNC )
VIN = 5 V
10
µA
tWM
Power side watchdog time
272
320
400
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com