Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6564H Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6564H
Description  High voltage startup transition-mode PFC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6564H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6564H Datasheet HTML 9Page - STMicroelectronics L6564H Datasheet HTML 10Page - STMicroelectronics L6564H Datasheet HTML 11Page - STMicroelectronics L6564H Datasheet HTML 12Page - STMicroelectronics L6564H Datasheet HTML 13Page - STMicroelectronics L6564H Datasheet HTML 14Page - STMicroelectronics L6564H Datasheet HTML 15Page - STMicroelectronics L6564H Datasheet HTML 16Page - STMicroelectronics L6564H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
L6564H
Typical electrical performance
Doc ID 022960 Rev 2
13/35
5
Typical electrical performance
Figure 4.
IC consumption vs. VCC
Figure 5.
IC consumption vs. TJ
Figure 6.
VCC Zener voltage vs. TJ
Figure 7.
Startup and UVLO vs. TJ
Figure 8.
Feedback reference vs. TJ
Figure 9.
E/A output clamp levels vs. TJ
0.001
0.01
0.1
1
10
100
0
5
10
15
20
25
30
Vcc [V]
VccOFF
VccON
Co=1nF
f =70kHz
Tj = 25°C
AM11478v1
0.01
0.1
1
10
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
Operating
Quiescent
Disabled or
during OVP
Latched off
Before Start up
VCC=12V
Co = 1nF
f =70kHz
AM11433v1
22
23
24
25
26
27
28
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
AM11434v1
6
7
8
9
10
11
12
13
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC-ON
VCC-OFF
AM11435v1
2.4
2.45
2.5
2.55
2.6
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
VCC = 12V
AM11436v1
0
1
2
3
4
5
6
7
-50
-25
0
25
50
75
100
125
150
175
Tj (C)
Uper Clamp
Lower Clamp
VCC = 12V
AM11437v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com