Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KHU1S041Q4LF Datasheet(PDF) 3 Page - Bothhand USA, LP.

Part # KHU1S041Q4LF
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

KHU1S041Q4LF Datasheet(HTML) 3 Page - Bothhand USA, LP.

  KHU1S041Q4LF Datasheet HTML 1Page - Bothhand USA, LP. KHU1S041Q4LF Datasheet HTML 2Page - Bothhand USA, LP. KHU1S041Q4LF Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
“LAN-MATE”SERIES
BOTHHAND
USA
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
Page 2 of 3
10/100 BASE-TX MAGNETICS
Bothhand USA
Tel: 978-887-8050 Fax: 978-887-5434
E-mail : sales@bothhandusa.com http:// www.bothhandusa.com
Specification
Packing Manner
Q’ty per Tube
Q’ty/ Inner box
Q’ty/ Carton
HU1SXXXX4 LF
TUBE
30
750
3000
Schematics
KHU1S041Q4 LF
KHU1S041Q5 LF
Part Numbering System
Example BHJack Part Number:
H
U
1
S
041Q
4
LF
K
代表非 MD
機構
TAB Vertical
RJ-45 JACK
100 BASE
(802.3U)
Number of parts
“1” : single port
Shield type
S: st andard shield
for different circuit
高度
14mm
RoHS
148



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com