Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KHU1S041Q4LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # KHU1S041Q4LF
Description  SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

KHU1S041Q4LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  KHU1S041Q4LF Datasheet HTML 1Page - Bothhand USA, LP. KHU1S041Q4LF Datasheet HTML 2Page - Bothhand USA, LP. KHU1S041Q4LF Datasheet HTML 3Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
“LAN-MATE”SERIES
BOTHHAND USA
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
Page 1 of 3
10/100 BASE-TX MAGNETICS
Bothhand USA
Tel: 978-887-8050 Fax: 978-887-5434
E-mail : sales@bothhandusa.com http:// www.bothhandusa.com
Complies with requirement of IEEE 802.3u standards.
RJ-45 connector integrated with transformer/impedance
resistor/high voltage capacitor.
Size same as RJ-45 connector to save PCB board space.
Reduced EMI radiation to improve EMI performance.
Design for 10/100 BASE transmission over UTP-5 cable.
Use smd chip choke
Compliance with ROHS requirements.
Operating temperature range: 0℃ to +70℃.
Electrical specifications @ 25℃
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross Talk
(dB Min)
Part
Number
0.3-100MHz
30MHz 40 MHz 50 MHz 60 MHz 80 MHz 0.3-30 MHz
30-60 MHz
60-100 MHz
KHU1S041Q4 LF
-1.15
-16
-14
-13.5 -13
-10
-40
-35 -30
KHU1S041Q5 LF
-1.15
-16
-14
-13.5 -13
-10
-40
-35 -30
Continue
Turns Ratio
(±5%)
CMR
(dB Min)
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
CW/W
(pF Max)
L.L
(uH Max)
HI-POT
(Vrms)
1-30MHz 30-60 MHz 60-125 MHz
KHU1S041Q4 LF
1CT:1CT 1CT:1CT
350
28
0.4
1500
-30
-25
-20
KHU1S041Q5 LF 1CT:1CT 1CT:1CT
350
28
0.4
1500
-30
-25
-20
146


Similar Part No. - KHU1S041Q4LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
KHU1S041F3LF BOTHHAND-KHU1S041F3LF Datasheet
199Kb / 3P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
KHU1S041F7LF BOTHHAND-KHU1S041F7LF Datasheet
211Kb / 3P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
More results

Similar Description - KHU1S041Q4LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
LT1S021 BOTHHAND-LT1S021 Datasheet
78Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LA1S109-43 BOTHHAND-LA1S109-43 Datasheet
147Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE T MAGNETICS
LT1S022 BOTHHAND-LT1S022 Datasheet
77Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S023 BOTHHAND-LT1S023 Datasheet
63Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LT1S103 BOTHHAND-LT1S103 Datasheet
125Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10 BASE T MAGNETICS
LA1S110EXLF BOTHHAND-LA1S110EXLF Datasheet
101Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
KHU1S041F3LF BOTHHAND-KHU1S041F3LF Datasheet
199Kb / 3P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
KHU1S041F7LF BOTHHAND-KHU1S041F7LF Datasheet
211Kb / 3P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
KLA1T109LF BOTHHAND-KLA1T109LF Datasheet
391Kb / 2P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 1000 BASE-T MAGNETICS
KRU1T041-34LF BOTHHAND-KRU1T041-34LF Datasheet
265Kb / 3P
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com