Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD5H60DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGD5H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 5 A high speed
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD5H60DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGD5H60DF Datasheet HTML 7Page - STMicroelectronics STGD5H60DF Datasheet HTML 8Page - STMicroelectronics STGD5H60DF Datasheet HTML 9Page - STMicroelectronics STGD5H60DF Datasheet HTML 10Page - STMicroelectronics STGD5H60DF Datasheet HTML 11Page - STMicroelectronics STGD5H60DF Datasheet HTML 12Page - STMicroelectronics STGD5H60DF Datasheet HTML 13Page - STMicroelectronics STGD5H60DF Datasheet HTML 14Page - STMicroelectronics STGD5H60DF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DocID027233 Rev 3
11/30
STGB5H60DF, STGD5H60DF, STGF5H60DF, STGP5H60DF
Electrical characteristics
30
Figure 24. Switching loss vs temperature
Figure 25. Switching loss vs collector-emitter
voltage
Figure 26. Short circuit time and current vs VGE Figure 27. Switching times vs. collector current
Figure 28. Switching times vs. gate resistance
Figure 29. Reverse recovery current vs. diode
current slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com