Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD5H60DF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD5H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 5 A high speed
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD5H60DF Datasheet(HTML) 3 Page - STMicroelectronics

  STGD5H60DF Datasheet HTML 1Page - STMicroelectronics STGD5H60DF Datasheet HTML 2Page - STMicroelectronics STGD5H60DF Datasheet HTML 3Page - STMicroelectronics STGD5H60DF Datasheet HTML 4Page - STMicroelectronics STGD5H60DF Datasheet HTML 5Page - STMicroelectronics STGD5H60DF Datasheet HTML 6Page - STMicroelectronics STGD5H60DF Datasheet HTML 7Page - STMicroelectronics STGD5H60DF Datasheet HTML 8Page - STMicroelectronics STGD5H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DocID027233 Rev 3
3/30
STGB5H60DF, STGD5H60DF, STGF5H60DF, STGP5H60DF
Electrical ratings
30
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
D²PAK
TO-220
DPAK
TO-
220FP
Unit
VCES
Collector-emitter voltage (VGE =0)
600
V
IC
Continuous collector current at TC =25°C
10
10(1)
1.
Limited by maximum junction temperature.
A
Continuous collector current at TC = 100 °C
5
5(1)
ICP
(2)
2. Pulse width limited by maximum junction temperature.
Pulsed collector current
20
20(1)
A
VGE
Gate-emitter voltage
±20
V
IF
Continuous forward current TC =25 °C
10
10(1)
A
Continuous forward current at TC =100 °C
5
5(1)
IFP
(2)
Pulsed forward current
20
20(1)
A
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s, TC =25 °C)
2500
V
PTOT
Total dissipation at TC =25°C
88
83
24
W
TSTG
Storage temperature range
- 55 to 150
°C
TJ
Operating junction temperature
- 55 to 175
Table 3. Thermal data
Symbol
Parameter
D²PAK
TO-220
DPAK
TO-
220FP
Unit
RthJC
Thermal resistance junction-case IGBT
1.7
1.8
6.2
°C/W
RthJC
Thermal resistance junction-case diode
4
4.5
7
RthJA
Thermal resistance junction-ambient
62.5
100
62.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com