Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF7H60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGF7H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 7 A high speed
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF7H60DF Datasheet(HTML) 1 Page - STMicroelectronics

  STGF7H60DF Datasheet HTML 1Page - STMicroelectronics STGF7H60DF Datasheet HTML 2Page - STMicroelectronics STGF7H60DF Datasheet HTML 3Page - STMicroelectronics STGF7H60DF Datasheet HTML 4Page - STMicroelectronics STGF7H60DF Datasheet HTML 5Page - STMicroelectronics STGF7H60DF Datasheet HTML 6Page - STMicroelectronics STGF7H60DF Datasheet HTML 7Page - STMicroelectronics STGF7H60DF Datasheet HTML 8Page - STMicroelectronics STGF7H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
June 2015
DocID027555 Rev 2
1/25
STGB7H60DF,
STGF7H60DF, STGP7H60DF
Trench gate field-stop IGBT, H series
600 V, 7 A high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• High speed switching
• Tight parameters distribution
• Safe paralleling
• Low thermal resistance
• Short-circuit rated
• Ultrafast soft recovery antiparallel diode
Applications
• Motor control
• UPS, PFC
Description
This device is an IGBT developed using an
advanced proprietary trench gate and field stop
structure. This IGBT series offers the optimum
compromise between conduction and switching
losses, maximizing the efficiency of very high
frequency converters. Furthermore, a positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in easier paralleling
operation.
TO-220
D²PAK
1
2
3
TAB
1
3
TAB
TO-220FP
1
2
3
C (2, TAB)
E (3)
G (1)
Table 1. Device summary
Order codes
Marking
Packages
Packaging
STGB7H60DF
GB7H60DF
D²PAK
Tape and reel
STGF7H60DF
GF7H60DF
TO-220FP
Tube
STGP7H60DF
GP7H60DF
TO-220
Tube
www.st.com


Similar Part No. - STGF7H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
04-Jun-2004
logo
List of Unclassifed Man...
STGF7NB60SL ETC-STGF7NB60SL Datasheet
258Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH IGBT
logo
STMicroelectronics
STGF7NB60SL STMICROELECTRONICS-STGF7NB60SL Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
02-Sep-2004
STGF7NB60SL_0409 STMICROELECTRONICS-STGF7NB60SL_0409 Datasheet
257Kb / 9P
N-CHANNEL 7A - 600V - TO-220FP PowerMESH TM IGBT
02-Sep-2004
STGF7NC60HD STMICROELECTRONICS-STGF7NC60HD Datasheet
430Kb / 15P
N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
More results

Similar Description - STGF7H60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB20H60DF STMICROELECTRONICS-STGB20H60DF Datasheet
1Mb / 22P
600 V, 20 A high speed trench gate field-stop IGBT
03-Jun-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB5H60DF STMICROELECTRONICS-STGB5H60DF Datasheet
872Kb / 30P
Trench gate field-stop IGBT, H series 600 V, 5 A high speed
18-May-2015
STGB10H60DF STMICROELECTRONICS-STGB10H60DF Datasheet
1Mb / 24P
Trench gate field-stop IGBT, H series 600 V, 10 A high speed
31-Oct-2013
STGB15H60DF STMICROELECTRONICS-STGB15H60DF Datasheet
1Mb / 23P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
17-Oct-2013
STGB20V60F STMICROELECTRONICS-STGB20V60F Datasheet
1Mb / 18P
600 V, 20 A very high speed trench gate field-stop IGBT
July 2013 Rev 1
STGB30H60DF STMICROELECTRONICS-STGB30H60DF Datasheet
1Mb / 24P
600 V, 30 A high speed trench gate field-stop IGBT
20-Mar-2013
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGW20H60DF STMICROELECTRONICS-STGW20H60DF Datasheet
1Mb / 17P
600 V, 20 A high speed trench gate field-stop IGBT
06-Jun-2013
STGWT15H60F STMICROELECTRONICS-STGWT15H60F Datasheet
845Kb / 15P
Trench gate field-stop IGBT, H series 600 V, 15 A high speed
10-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com