Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF7H60DF Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGF7H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 7 A high speed
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF7H60DF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGF7H60DF Datasheet HTML 9Page - STMicroelectronics STGF7H60DF Datasheet HTML 10Page - STMicroelectronics STGF7H60DF Datasheet HTML 11Page - STMicroelectronics STGF7H60DF Datasheet HTML 12Page - STMicroelectronics STGF7H60DF Datasheet HTML 13Page - STMicroelectronics STGF7H60DF Datasheet HTML 14Page - STMicroelectronics STGF7H60DF Datasheet HTML 15Page - STMicroelectronics STGF7H60DF Datasheet HTML 16Page - STMicroelectronics STGF7H60DF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID027555 Rev 2
13/25
STGB7H60DF, STGF7H60DF, STGP7H60DF
Electrical characteristics
25
Figure 33. Thermal impedance for TO-220FP IGBT
Figure 34. Thermal impedance for TO-220FP diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com