Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7H60DF Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGP7H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 7 A high speed
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7H60DF Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGP7H60DF Datasheet HTML 7Page - STMicroelectronics STGP7H60DF Datasheet HTML 8Page - STMicroelectronics STGP7H60DF Datasheet HTML 9Page - STMicroelectronics STGP7H60DF Datasheet HTML 10Page - STMicroelectronics STGP7H60DF Datasheet HTML 11Page - STMicroelectronics STGP7H60DF Datasheet HTML 12Page - STMicroelectronics STGP7H60DF Datasheet HTML 13Page - STMicroelectronics STGP7H60DF Datasheet HTML 14Page - STMicroelectronics STGP7H60DF Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID027555 Rev 2
11/25
STGB7H60DF, STGF7H60DF, STGP7H60DF
Electrical characteristics
25
Figure 26. Switching times vs. gate resistance
Figure 27. Reverse recovery current vs. diode
current slope
Figure 28. Reverse recovery time vs. diode
current slope
Figure 29. Reverse recovery charge vs. diode
current slope
Figure 30. Reverse recovery energy vs. diode
current slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com