Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7H60DF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGP7H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 7 A high speed
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7H60DF Datasheet(HTML) 4 Page - STMicroelectronics

  STGP7H60DF Datasheet HTML 1Page - STMicroelectronics STGP7H60DF Datasheet HTML 2Page - STMicroelectronics STGP7H60DF Datasheet HTML 3Page - STMicroelectronics STGP7H60DF Datasheet HTML 4Page - STMicroelectronics STGP7H60DF Datasheet HTML 5Page - STMicroelectronics STGP7H60DF Datasheet HTML 6Page - STMicroelectronics STGP7H60DF Datasheet HTML 7Page - STMicroelectronics STGP7H60DF Datasheet HTML 8Page - STMicroelectronics STGP7H60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Electrical characteristics
STGB7H60DF, STGF7H60DF, STGP7H60DF
4/25
DocID027555 Rev 2
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 4. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0 V)
IC = 2 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 7 A
1.5
1.95
V
VGE = 15 V, IC = 7 A
TJ = 125 °C
1.6
VGE = 15 V, IC = 7 A
TJ = 175 °C
1.7
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 250 µA
4.8
6.2
6.9
V
ICES
Collector cut-off current
(VGE = 0 V)
VCE = 600 V
25
µA
IGES
Gate-emitter leakage
current (VCE = 0 V)
VGE = ±20 V
250
nA
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0 V
-1050
-
pF
Coes
Output capacitance
-
51
-
Cres
Reverse transfer
capacitance
-23
-
Qg
Total gate charge
VCC = 480 V, IC = 7 A,
VGE = 15 V
-46
-
nC
Qge
Gate-emitter charge
-
7
-
Qgc
Gate-collector charge
-
21
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com