Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP15H60DF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGP15H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 15 A high speed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP15H60DF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGP15H60DF Datasheet HTML 3Page - STMicroelectronics STGP15H60DF Datasheet HTML 4Page - STMicroelectronics STGP15H60DF Datasheet HTML 5Page - STMicroelectronics STGP15H60DF Datasheet HTML 6Page - STMicroelectronics STGP15H60DF Datasheet HTML 7Page - STMicroelectronics STGP15H60DF Datasheet HTML 8Page - STMicroelectronics STGP15H60DF Datasheet HTML 9Page - STMicroelectronics STGP15H60DF Datasheet HTML 10Page - STMicroelectronics STGP15H60DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID025113 Rev 2
7/23
STGB15H60DF, STGF15H60DF, STGP15H60DF
Electrical characteristics
23
2.1
Electrical characteristics (curves)
Figure 2. Power dissipation vs. case
temperature for D2PAK and TO-220
Figure 3. Collector current vs. case temperature
for D2PAK and TO-220
Ptot
60
40
20
0
025
TC(°C)
(W)
100
80
50
75
100
175
125 150
120
GIPD041020131126FSR
IC
10
5
0
025
TC(°C)
(A)
100
15
50
75
20
25
175
VGE ≥ 15V, TJ ≤ 175 °C
125 150
30
GIPD011020131132FSR
Figure 4. Power dissipation vs. case
temperature for TO-220FP
Figure 5. Collector current vs. case temperature
for TO-220FP
Figure 6. Output characteristics (TJ = 25°C)
Figure 7. Output characteristics (TJ = 175°C)
Ptot
10
0
0
TC(°C)
(W)
100
20
50
150
30
GIPD151020131527SA
IC
8
4
0
0
TC(°C)
(A)
100
12
50
16
VGE ≥ 15V, TJ ≤ 175 °C
150
GIPD151020131600SA
IC
15
10
5
0
0
1
VCE(V)
(A)
4
20
2
3
25
VGE=15V
30
35
9V
11V
40
7V
GIPD041020131136FSR
IC
15
10
5
0
0
1
VCE(V)
(A)
4
20
2
3
25
VGE=15V
30
35
9V
11V
40
7V
GIPD041020131142FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com