Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP15H60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGP15H60DF
Description  Trench gate field-stop IGBT, H series 600 V, 15 A high speed
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP15H60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGP15H60DF Datasheet HTML 4Page - STMicroelectronics STGP15H60DF Datasheet HTML 5Page - STMicroelectronics STGP15H60DF Datasheet HTML 6Page - STMicroelectronics STGP15H60DF Datasheet HTML 7Page - STMicroelectronics STGP15H60DF Datasheet HTML 8Page - STMicroelectronics STGP15H60DF Datasheet HTML 9Page - STMicroelectronics STGP15H60DF Datasheet HTML 10Page - STMicroelectronics STGP15H60DF Datasheet HTML 11Page - STMicroelectronics STGP15H60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STGB15H60DF, STGF15H60DF, STGP15H60DF
8/23
DocID025113 Rev 2
Figure 8. VCE(sat) vs. junction temperature
Figure 9. VCE(sat) vs. collector current
VCE(sat)
1.8
1.6
1.4
1.2
-50
TJ(°C)
(V)
100
2
050
2.2
150
2.4
VGE= 15V
IC= 30A
IC= 15A
IC= 10A
GIPD041020131148FSR
VCE(sat)
1.6
1.4
1.2
0
IC(A)
(V)
15
1.8
510
2
20
2.2
2.4
VGE= 15V
TJ= -40°C
TJ= 25°C
TJ= 175°C
25
30
GIPD041020131152FSR
Figure 10. Collector current vs. switching
frequency for D2PAK and TO-220
Figure 11. Collector current vs. switching
frequency for TO-220FP
0
10
20
30
40
110
Ic [A]
f [kHz]
G
Ω
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, R =4.7
,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
GIPD161020130955SA
0
5
10
15
20
110
Ic [A]
f [kHz]
rectangular current shape,
(duty cycle=0.5, V
CC = 400V, RG=4.7Ω,
V
GE = 0/15 V, TJ =175°C)
Tc=80°C
Tc=100 °C
GIPD161020130958SA
Figure 12. Forward bias safe operating area for
D2PAK and TO-220
Figure 13. Forward bias safe operating area for
TO-220FP
°
IC
10
1
0.1
1
VCE(V)
(A)
10
10 µs
100 µs
1 ms
Single pulse
Tc= 25°C, TJ<= 175°C
VGE= 15V
100
GIPD211020131342FSR
°
IC
10
1
0.1
1
VCE(V)
(A)
10
10 µs
100 µs
1 ms
Single pulse
Tc= 25°C, TJ<= 175°C
VGE= 15V
100
GIPD211020131350FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com